Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA102001EA-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA102001EA-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA102001EA-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA102001EA-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA102001EA-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev. 05, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Thermally-Enhanced High Power RF LDMOS FET
200 W, 50 V, 960 – 1600 MHz
Description
The PTVA102001EA is a 200-watt LDMOS FET intended for use in power
amplifier applications in the 960 to 1600 MHz frequency band. Features
include high gain and thermally-enhanced package with bolt-down
flange. Manufactured with Wolfspeed's advanced
LDMOS process, this device provides excellent thermal performance
and superior reliability.
PTVA102001EA
Package H-36265-2
Features
• Input matched
• Capable of handling 10:1 VSWR @50 V, 200 W (CW)
output power
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
10
20
30
40
50
60
70
35
40
45
50
55
60
65
20
25
30
35
40
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 100 mA, TCASE = 25°C,
300µs pulse width, 10% duty cycle
1030 MHz
1090 MHz
1030 MHz
1090 MHz
Efficiency
Output Power
a102001ea_300us_g1
RF Characteristics
Pulsed RF Performance (tested in Wolfspeed production test fixture)
VDD = 50 V, IDQ = 100 mA, POUT = 200 W, ƒ = 1090 MHz, 300 µs pulse width, 10% duty cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17
18.5
—
dB
Drain Efficiency
hD
56
59.5
—
%
PTVA102001EA
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!


Similar Part No. - PTVA102001EA-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
More results

Similar Description - PTVA102001EA-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com