Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAD214218FV-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PXAD214218FV-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAD214218FV-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PXAD214218FV-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PXAD214218FV
Rev. 04, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, VDD = 28 V, IDQ = 960 mA, class AB
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
2110
3.7 – j8.1
1.4 - j3.7
19.7
52.58
181
57.3
2.7 - j3.1
21.7
51.21
132
65.8
2140
5.2 - j8.0
1.5 - j3.8
20.4
52.53
179
59.2
2.4 - j3.2
22
51.40
138
65.5
2170
7.2 - j9.5
1.4 - j3.8
19.7
52.60
182
57.7
2.2 - j3.1
21.5
51.43
139
65.1
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
2110
3.7 – j8.1
1.4 - j3.8
17.6
53.26
212
58.4
2.7 - j3.0
19.8
51.79
151
67.1
2140
5.2 - j8.0
1.4 - j4.0
17.8
53.22
210
56.7
2.6 - j3.0
20.2
51.76
150
67.4
2170
7.2 - j9.5
1.5 - j4.2
17.7
53.28
213
59.4
2.5 - j2.8
19.9
51.64
146
67.3
Peak Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, VDD = 28 V, IDQ = 10 mA, class B
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
2110
3.0 - j6.2
2.3 - j5.8
16.2
55.39
346
54.0
3.4 - j3.3
17.6
53.62
230
65.2
2140
4.0 - j6.1
2.6 - j6.1
16.6
55.43
349
55.1
3.0 - j3.3
18
53.46
222
65.1
2170
5.0 - j5.3
2.9 - j6.7
16.2
55.33
341
52.8
3.1 - j3.0
17.8
53.00
200
64.9
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
2110
3.0 - j6.2
2.6 - j6.2
14.1
56.13
410
56.1
3.2 - j3.7
15.7
54.55
285
65.4
2140
4.0 - j6.1
2.8 - j6.6
14.2
56.13
410
55.3
3.4 - j3.9
15.8
54.64
291
65.7
2170
5.0 - j5.3
3.0 - j6.8
14.1
56.03
401
54.7
3.2 - j4.0
15.8
54.59
288
65.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com