Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAD214218FV-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXAD214218FV-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAD214218FV-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXAD214218FV-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAD214218FV-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Rev. 04, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PXAD214218FV
Package H-37275G-6/2
Thermally-Enhanced High Power RF LDMOS FET
430 W, 28 V, 2110 – 2170 MHz
Features
• Broadband internal input and output matching
• Asymmetrical Doherty design
- Main : P1dB = 130 W Typ
- Peak : P1dB = 290 W Typ
• Typical Pulsed CW performance, 2140 MHz, 28 V,
Doherty configuration
- Output power at P3dB = 436 W
- Efficiency = 55%
- Gain = 13.5 dB
• Capable of handling 10:1 VSWR @28 V, 110 W (WCDMA)
output power
• Integrated ESD protection
• Human Body Model class 2 (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXAD214218FV is a 430-watt (P3dB) LDMOS FET with an asymmetrical
design intended for use in multi-standard cellular power amplifier
applications in the 2110 to 2170 MHz frequency band. Features
include dual-path design, input and output matching, high gain and
thermally-enhanced package with earless flanges. Manufactured
with Wolfspeed's advanced LDMOS process, this device provides
excellent thermal performance and superior reliability.
RF Characteristics
Two-carrier WCDMA Specifications (tested in Wolfspeed Doherty production test fixture)
VDD = 28 V, IDQ = 720 mA, VGS(PEAK) = 1.5 V, POUT = 56 W avg, ƒ = 2170 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average =
10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Linear Gain
Gps
15
16
—
dB
Drain Efficiency
hD
45
48.7
—
%
Adjacent Channel Power Ratio
ACPR
—
–24.5
–22
dBc
Output PAR@0.01% CCDF
OPAR
6.1
7.4
—
dBc
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ(MAIN) = 720 mA,
VGS(PEAK) = 1.4 V, ƒ = 2170 MHz,
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
pxad214218fv_g1
PXAD214218FV


Similar Part No. - PXAD214218FV-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
More results

Similar Description - PXAD214218FV-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
PTFB213208FV INFINEON-PTFB213208FV Datasheet
221Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PTAC210802FC INFINEON-PTAC210802FC_16 Datasheet
650Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
PXFE211507FC CREE-PXFE211507FC Datasheet
587Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
logo
WOLFSPEED, INC.
PXFE211507FC WOLFSPEED-PXFE211507FC Datasheet
763Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com