Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE261908NF-V1-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PXAE261908NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE261908NF-V1-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PXAE261908NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PXAE261908NF
®
5
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
See next page for evaluation circuit information.
Load Pull (cont.)
Peak Side Doherty Load Pull Performance – Pulsed CW signal: 10 µsec pulse width, 10% duty cycle, VDD = 28 V, IDQ = 10 mA, class B
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P1dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P1dB
[dBm]
P3dB
[W]
hD
[%]
2515
3.0 – j13.2
4.4 – j7.1
14.2
52.50
178
58.2
4.7 – j3.6
15.4
51.00
126
66.0
2595
3.4 – j14.5
4.7 – j8.1
14.1
52.33
171
53.4
4.4 – j4.1
15.7
50.90
123
64.0
2675
6.3 – j15.0
5.8 – j8.7
14.4
52.20
166
52.7
4.7 – j5.0
15.8
51.00
126
60.0
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2515
3.0 – j13.2
4.9 – j8.1
11.8
53.12
205
55.5
5.0 – j3.9
13.4
51.80
151
65.0
2595
3.4 – j14.5
5.7 – j8.7
12.0
53.00
200
53.3
4.8 – j4.8
13.5
52.00
158
63.0
2675
6.3 – j15.0
6.3 – j8.9
12.3
52.80
191
52.4
4.7 – j5.4
13.6
51.90
155
60.0
Rev. 04, 2023-07-24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com