Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE261908NF-V1-R5 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXAE261908NF-V1-R5
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE261908NF-V1-R5 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXAE261908NF-V1-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE261908NF-V1-R5 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 0
4, 2023-07-24
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXAE261908NF
Package PG-HBSOF-6-3
Thermally-Enhanced High Power RF LDMOS FET
240 W, 28 V, 2515 – 2675 MHz
Features
• Broadband internal input and output matching
• Asymmetric Doherty design
- Main: P3dB = 90 W typical
- Peak: P3dB = 180 W typical
• Typical pulsed CW performance, 2675 MHz, 28 V
- Output power at P1dB = 51 W
- Output power at P3dB = 240 W
- Gain = 11.8 dB
- Efficiency = 60%
• Capable of handling 10:1 VSWR at 28 V, 32 W (CW)
output power
• Integrated ESD protection
• Human Body Model, Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXAE261908NF is a 240-watt (P3dB) LDMOS FET intended for use in
multi-standard cellular power amplifier applications in the 2515 to 2675
MHz frequency band. Features include input and output matching, high
gain and a thermally-enhanced package with earless flange. Manufactured
with Wolfspeed's advanced LDMOS process, this device provides excellent
thermal performance and superior reliability.
PXAE261908NF
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 28 V, IDQ = 450 mA, VGS(PEAK) = 1.5 V, POUT = 32 W avg, ƒ = 2675 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average =
10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
12.8
13.5
—
dB
Drain Efficiency
hD
45
47.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–28
–26
dBc
Output PAR at 0.01% probability on CCDF
OPAR
7.6
8
—
dB
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 450 mA,
VGS(PEAK) = 1.5 V, ƒ = 2675 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
pxae261908nf-gr1a


Similar Part No. - PXAE261908NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAE263708NB CREE-PXAE263708NB Datasheet
289Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
PXAE263708NB WOLFSPEED-PXAE263708NB Datasheet
612Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
Rev. 04, 2023-06-23
logo
Cree, Inc
PXAE263708NB-V1-R2 CREE-PXAE263708NB-V1-R2 Datasheet
289Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 ??2690 MHz
logo
WOLFSPEED, INC.
PXAE263708NB-V1-R2 WOLFSPEED-PXAE263708NB-V1-R2 Datasheet
612Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
Rev. 04, 2023-06-23
More results

Similar Description - PXAE261908NF-V1-R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA142401EL INFINEON-PTFA142401EL Datasheet
449Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 1450 ??1500 MHz
Rev. 04, 2009-07-16
PXAC192908FV INFINEON-PXAC192908FV_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
Rev. 02.3, 2016-06-17
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
logo
Cree, Inc
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
PXAC192908FV CREE-PXAC192908FV Datasheet
525Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
GTRA260502M WOLFSPEED-GTRA260502M Datasheet
762Kb / 9P
Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
Rev. 04. 2023-06-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com