Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE263708NB-V1-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PXAE263708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE263708NB-V1-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PXAE263708NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PXAE263708NB
Rev. 04, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
0
10
20
30
40
50
60
11
12
13
14
15
16
17
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at select VDD
IDQ = 850 mA, ƒ = 2690 MHz
24 V Gain
28 V Gain
32 V Gain
24 V Eff
28 V Eff
32 V Eff
pxae263708nb-gr6a
-18
-16
-14
-12
-10
-8
-6
-4
-2
9
10
11
12
13
14
15
16
17
2500 2550 2600 2650 2700 2750 2800
Frequency (MHz)
CW Performance Small Signal
VDD = 28 V, IDQ= 850 mA
Gain
IRL
pxae263708nb-gr7
See next page for Load Pull Performance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com