Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAE263708NB-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PXAE263708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 – 2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAE263708NB-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PXAE263708NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAE263708NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PXAE263708NB
Rev. 04, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit (cont.)
Reference circuit assembly diagram (not to scale)
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C105, C106, C107
Capacitor, 12 pF
ATC
ATC800A120JT250XT
C102, C103, C108, C109
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
C104
Capacitor, 0.5 pF
ATC
ATC800A0R5CT250XT
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R103
Resistor, 50 ohms
Anaren
C8A50Z4A
U1
Hybrid coupler
Anaren
X3C25P1-05S
Output
C201, C202, C204, C205,
C213, C214, C216, C217
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
C203, C215
Capacitor, 12 pF
ATC
ATC800A120JT250XT
C206, C207, C208, C209,
C210, C218, C219, C220,
C221, C222
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C211
Capacitor, 3.3 pF
ATC
ATC800A3R3CT250XT
C212
Capacitor, 8.2 pF
ATC
ATC800A8R2CT250T
RF_IN
VDD
VDD
RF_OUT
px ae 26 37 08 nb _C D _0 2- 11 - 20 19 - b n
C201
C202
C109
C108
C107
C102
C101
R101
C103
C104
C105
R103
RO4350, 20 MIL  (284)
C203
C205 C207
C208
C209
C210
C215
C217 C219
C220
C221
C222
C212
C211
R102
C106
C204
C206
C214
C213
C216
C218
RO4350, 20 MIL   (284)
PXAE263708NB IN 03
PXAE263708NB OUT 03
VGG
VGG
U1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com