Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE181507FC-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PXFE181507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 18051880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFE181507FC-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PXFE181507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2023-04-16
3
PXFE181507FC
0
10
20
30
40
50
-70
-60
-50
-40
-30
-20
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ(MAIN) = 900 mA,
ƒ = 1880 MHz, 3GPP WCDMA signal,
PAR = 10 dB, BW = 3.84 MHz
ACPU
ACPL
Efficiency
pxfe181507fc_g2
30
35
40
45
50
55
60
15
16
17
18
19
20
21
1650 1700 1750 1800 1850 1900 1950 2000
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ = 900 mA, POUT = 46.99 dBm,
3GPP WCDMA signal, PAR = 10 dB
Efficiency
Gain
pxfe181507fc_g3
Typical Performance (data taken in test fixture)
-35
-30
-25
-20
-15
-10
-5
-40
-35
-30
-25
-20
-15
-10
1650 1700 1750 1800 1850 1900 1950 2000
Frequency (MHz)
Single-carrier WCDMA Broadband
Performance
VDD = 28 V, IDQ = 900 mA, POUT = 46.99 dBm,
3GPP WCDMA signal, PAR = 10 dB
ACPU
ACPL
IRL
pxfe181507fc_g4
0
10
20
30
40
50
60
70
15
16
17
18
19
20
21
22
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance
VDD = 28 V, IDQ = 900 mA
1805MHz Gain
1842MHz Gain
1880MHz Gain
1805MHz Eff
1842MHz Eff
1880MHz Eff
pxfe181507fc_g5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com