Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE181507FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PXFE181507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 18051880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFE181507FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PXFE181507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFE181507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-28
5
PXFE181507FC
Reference Circuit, 1805 – 1880 MHz
Reference circuit assembly diagram (not to scale)
Reference Circuit Assembly
DUT
PXFE181507FC V1
Test Fixture Part No.
LTN/PXFE181507FC V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 1805 – 1880 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
C105
R102
C101
R101
C102
C104
C103
C106
C206
C208
C207
C201
C203
C202
C204 C205
C210 C211 C212
PXFE181507FC_OUT_02
RO4350, 20 MIL (288)
px f e18 150 7f c_C D_08 - 28 - 20 18
VGS
VDD
PXFE181507FC_IN_02
RO4350, 20 MIL (288)
C213
C209
RF_IN
RF_OUT
VDD
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C104, C105
Capacitor, 12 pF
ATC
ATC600F120JT250XT
C102, C106
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 1 pF
ATC
ATC600F1R0CT250XT
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
Output
C201, C203, C204
Capacitor, 0.2 pF
ATC
ATC600F0R2BT250XT
C202
Capacitor, 12 pF
ATC
ATC600F120JT250XT
C205
Capacitor, 0.4 pF
ATC
ATC600F0R4BT250XT
C206, C207, C208, C210,
C211, C212
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
C209, C213
Capacitor, 220 µF, 100 V
Panasonic Electronic Components
ECA-2AHG221



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com