Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1A3940-V2-R3K Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # WS1A3940-V2-R3K
Description  GaN on SiC Power Amplifier Module for 5G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WS1A3940-V2-R3K Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  WS1A3940-V2-R3K Datasheet HTML 1Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 2Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 3Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 4Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 5Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 6Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WS1A3940
4
Rev. 03, 2023-02-04
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Pinout Diagram (top view)
Source
(metalized
backside)
Index
marking
Peak
Main
16
17
18
19
20
15
14
13
12
11
10
9
8
7
6
1
2
3
4
5
Source
(metalized
backside)
Index
marking
Peak
Main
16
17
18
19
20
15
14
13
12
11
10
9
8
7
6
1
2
3
4
5
RFIN(PEAK)
RFIN(PEAK)
GND
RFIN(MAIN)
RFOUT(MAIN) + VDS(MAIN)
RFOUT(MAIN) + VDS(MAIN)
RFIN(MAIN)
GND
RFOUT(PEAK) + VDS(PEAK)
RFOUT(PEAK) + VDS(PEAK)
Bias Sequencing
Bias ON
1.
Ensure RF is turned off
2.
Apply pinch-off voltage of –5 V to the gate
3.
Apply nominal drain voltage
4.
Bias gate to desired quiescent drain current
5.
Apply RF
Bias OFF
1.
Turn RF off
2.
Apply pinch-off voltage to the gate
3.
Turn-off drain voltage
4.
Turn-off gate voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com