Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1A3940-V2-R3K Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # WS1A3940-V2-R3K
Description  GaN on SiC Power Amplifier Module for 5G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WS1A3940-V2-R3K Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  WS1A3940-V2-R3K Datasheet HTML 1Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 2Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 3Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 4Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 5Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 6Page - WOLFSPEED, INC. WS1A3940-V2-R3K Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WS1A3940
6
Rev. 03, 2023-02-04
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Package Outline Specifications - Package PG-LGA-6x6-3-1
Diagram Notes–unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
C
BOTTOM VIEW
TOP VIEW
SIDE VIEW
ROTATED 90°
DETAIL A
B
SEATING PLANE
PIN 1
INDICATOR
E
P
F
K
PIN 1 ID
0.40x45°
G
N
J
H
N
L
M
D
A
Y
X
Z
0.10
0.10 Z
2X
Z
0.10
Z
0.10
DETAIL A
11
10
6
5
1
20
16
15
Z
C
BOTTOM VIEW
TOP VIEW
SIDE VIEW
ROTATED 90°
DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
1.
INTERPRET DIMENSIONS AND TOLERANCES PER ASME
Y14.5M-1994.
2.
NUMBER OF LAND PADS:
20
3.
THE CONTENTS OF THIS DRAWING ARE INTENDED TO
REPRESENT THE PRODUCT IN MARKETING GRAPHICS
ONLY AND NOT INTENDED TO BE USED FOR ANY
PRODUCTION OR INTERNAL QUALIFICATION PURPOSE.
THIRD ANGLE PROJECTION
A
D
ANY REPRODUCTION, DISCLOSURE OR USE OF THIS DRAWING IS EXPRESSLY
PROHIBITED EXCEPT AS CREE INC. MAY OTHERWISE AGREE IN WRITING.
THIS DRAWING CONTAINS INFORMATION PROPRIETARY TO CREE INC.,
4
3
B
DO NOT SCALE DRAWING
FINISH
MATERIAL
SIZE
PLOT SCALE
B
DWG. NO.
SHEET
REV.
A
2
1
ZONE
REVISIONS
DESCRIPTION
1
C
D
DATE
REVISED BY
1
DIMENSIONS ARE IN MILLIMETERS.
4
3
2
1
B
C
PKGO_DRWG_PG-LGA-6x6-3-1
INITIAL RELEASE
M DEVITA
11/30/20
REV.
X.X ± 0.1
UNLESS OTHERWISE NOTED TOLERANCES ARE:
DIM
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
.234
.236
.238
5.95
6.00
6.05
B
.234
.236
.238
5.95
6.00
6.05
C
.037
.041
.045
0.93
1.03
1.13
D
.157
.161
.165
4.00
4.10
4.20
E
.128
3.24
F
.128
3.24
G
.161
4.10
H
.041
1.03
J
.054
.054
.055
1.37
1.38
1.39
K
.032
0.81
L
.018
0.46
M
.020
0.50
N
.054
.054
.055
1.37
1.38
1.39
P
.013
.014
.014
0.34
0.35
0.36
SEATING PLANE
X.XX ± 0.05
X.XXX ± 0.050
ANGLES ± 1°
B
E
P
F
K
PIN 1 ID
0.40x45°
G
N
J
H
N
L
M
D
A
PIN 1
INDICATOR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com