Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSGPA01-V1-R1 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # WSGPA01-V1-R1
Description  10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WSGPA01-V1-R1 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  WSGPA01-V1-R1 Datasheet HTML 1Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 2Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 3Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 4Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 5Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 6Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2021-07-13
2
WSGPA01
Absolute Maximum Ratings (Case Temperature TCASE = 25˚C)
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Gate-source Voltage
VGS
–10 to +2
V
Gate Current
IG
1.2
mA
Drain Current
ID
12
A
Operating Voltage
VDD
55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these
values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. For reliable continuous operation, the device should be operated within the operating voltage range (VDD) specified above.
DC Characteristics
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = –8 V, ID = 10 mA
V(BR)DSS
150
—
—
V
Drain-Source Leakage Current
VGS = –8 V, VDS = 50 V
IGSS
—
—
–0.5
mA
Gate Threshold Voltage
VDS = 10 V, ID = 1.2 mA
VGS(th)
–3.8
–3.1
–2.3
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Drain Operating Voltage
VDD
0
—
50
V
Gate Quiescent Voltage
VDS = 48 V, ID = 25 mA
VGS(Q)
–3.45
–2.9
–2.45
V
Thermal Characteristics
Characteristics
Symbol
Value
Unit
Thermal Resistance (TCASE = 105°C, POUT = 26.5 dBM CW)
RqJC
10.1
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
ESD Characteristics
Parameter
Class
Standard
Human Body Model (HBM)
Class 1A
ANSI/ESDA/JEDEC JS-001
Charge Device Model (CDM)
Class C2b
ANSI/ESDA/JEDEC JS-002



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com