Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSGPA01-V1-R1 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # WSGPA01-V1-R1
Description  10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WSGPA01-V1-R1 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  WSGPA01-V1-R1 Datasheet HTML 1Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 2Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 3Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 4Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 5Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 6Page - WOLFSPEED, INC. WSGPA01-V1-R1 Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2021-07-13
All published data at TAMBIENT = 25°C unless otherwise indicated
WSGPA01
Package PG-DFN-3x4-1
10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier
Features
• GaN on SiC HEMT technology
• Operating frequency : up to 5 GHz
• P3dB : up to 10 W
• Supply voltage : up to 50 V
• Maximum junction temperature : 225 °C
• Pb-free and RoHS compliant
WSGPA01
Description
The WSGPA01 is a GaN on SiC Discrete General Purpose Amplifier (GPA) designed for applications up to 5 GHz. The device operates from
supply voltages up to 50 V and can achieve a P3dB of 10 W. It is housed in a 3 mm X 4 mm DFN package. While it is designed for communi-
cations infrastructure applications with crest factor reduced and digitally pre-distorted LTE or 5G NR signals, it may be suitable for other
applications at frequencies up to 5 GHz, restricted only by its maximum operating conditions.
RF Performance
Typical Single-carrier WCDMA Performance (tested in Wolfspeed test fixture)
VDD = 48 V, IDQ = 25 mA, POUT = 26.5 dBm, channel bandwidth = 3.84 MHz, input PAR = 10 dB @ 0.01% CCDF
Frequency
POUT
(dBM)
Gain
(dB)
Efficiency
(%)
ACPR –
(dBc)
ACPR +
(dBc)
PAR
(dB)
3400 MHz
26.5
16.1
16.9
–47.8
–48.6
9.3
3600 MHz
26.5
16.0
15.7
–49.1
–49.9
9.4
3800 MHz
26.5
15.7
16.5
–46.9
–47.2
9.3


Similar Part No. - WSGPA01-V1-R1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
GaN on SiC General Purpose Amplifier
logo
WOLFSPEED, INC.
WSGPA01V1-14 WOLFSPEED-WSGPA01V1-14 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WSGPA01V1-18 WOLFSPEED-WSGPA01V1-18 Datasheet
424Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WSGPA01V1-19 WOLFSPEED-WSGPA01V1-19 Datasheet
391Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results

Similar Description - WSGPA01-V1-R1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
0.1 ??3.0 GHz 10 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
17 - 20 GHz 10 W GaN Power Amplifier
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
1 ??8 GHz 10 W GaN Power Amplifier
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
GaN on SiC General Purpose Amplifier
logo
Qorvo, Inc
QPA2511 QORVO-QPA2511 Datasheet
2Mb / 13P
100 W, 50 V, 1.2 ??1.4 GHz, GaN on SiC Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
27.5 ??31 GHz 10 W GaN Power Amplifier
QPA2513 QORVO-QPA2513 Datasheet
2Mb / 14P
125 W, 50 V, 3.1 ??3.5 GHz, GaN on SiC Power Amplifier
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
0.03??.5 GHz 10 W GaN Power Amplifier
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com