Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1663A Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM1663A
Description  1000mA Regulator Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1663A Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM1663A Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUMI
1000mA Regulator MM166
F
Electrical Characteristics 1 (Except where noted therwise, Ta=25°C, VCC=9V)
Item
Symbol
Measurement conditions
Min. Typ. Max. Units
No-Load input current
ICC
Io=0mA
2.5
5
mA
Input current (OFF)
ICCOFF
VCONT=0V
0
1
µA
Output voltage *3
VOUT
Io=250mA
0.98
1.02
V
Dropout voltage *4
Vio
VIN=VO-0.2V, IO=500mA
0.2
0.5
V
Line regulation
V1
VIN=VO+1.5~Vo+2.5V, IO=250mA
10
20
mV
Load regulation
V2
Io=0~1A
20
100
mV
VOUT temperature coefficient *2 VOUT/ T
Tj=-30~+85°C
100
ppm/°C
Ripple rejection *2
RR
f=120Hz VRIPPLE=1V, IO=250mA
50
65
dB
Output noise voltage *2
Vn
fBW=20~80kHz Cn=470pF IO=250mA
45
µVrms
fBW=20~80kHz Cn=OPEN IO=250mA
90
CONT pin input current
ICONT
VCONT=5V
10
20
30
µA
CONT pin high threshold level
VCONTH
1.6
VIN+0.3
V
CONT pin low threshold level
VCONTL
-0.3
0.4
V
*2. The parameter is guaranteed by design.
*3. Please refer to another page.
*4. The parameter is not guaranteed in the model less than VOUT=2V.
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+150
°C
Supply voltage
VIN
-0.3~+12
V
Allowable loss
Pd
2500 (TO-252)
mW
1800 (HSOP-8)
Recommended Operating Conditions
Item
Symbol
Ratings
Units
Operating temperature
TOPR
-40~+85
°C
Output current
IOUT
0~1
A
Operating voltage
VOP
VO Typ.+0.5~+10
V
*1 TO-252 : With the double sided PC Board of glass epoxy
(Copper plane 80%, 100 150 1.0mm)
HSOP-8 : With the double sided PC Board of glass epoxy
(Copper plane 80%, 37 37 1.6mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com