Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1663A Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1663A
Description  1000mA Regulator Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1663A Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1663A Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1663A Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUMI
1000mA Regulator MM166
F
1000mA Regulator
Monolithic IC MM166
F
Outline
This IC is a small, stable power supply with output voltage precision of ±2% (when IO = 500mA), maximum
output current of 1000mA, and I/O voltage difference of 0.2V typ. at 500mA.
Output noise reduction and output ON/OFF control pins are provided, making it ideal for portable equipment.
(HSOP-8)
Features
1. No-load current consumption
2.5mA typ.
2. I/O voltage difference
0.2V typ. (IO=500mA)
3. Ripple rejection rate
65dB typ. (f=120Hz, VRIPPLE=1VP-P, IO=250mA)
4. Output current
1000mA max.
5. Output noise voltage
45µVrms typ. (Cn=470pF)
6. Output voltage rank
1.5 ~ 5.0V (0.1V steps)
7. Output ON/OFF control
High
ON, Low
OFF
Package
HSOP-8, TO-252
Applications
1. Cordless telephone
2. Portable equipment, etc.
3. DVD
14
3
2
85
6
7
HSOP-8
1
VOUT
2
NC
3
GND
4
Cn
5
CONT
6
NC
7
NC
8
VIN
Pin Assignment
VIN
VO
GND
TO-252


Similar Part No. - MM1663A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
Video Signal Driver for DVD Player MM1623XFBE
MM1624 MITSUMI-MM1624 Datasheet
59Kb / 5P
IC for XO Monolithic IC
MM1671 MITSUMI-MM1671 Datasheet
77Kb / 12P
Low Voltage Operating 75hom Driver
logo
Tiger Electronic Co.,Lt...
MM1671 TGS-MM1671 Datasheet
426Kb / 11P
Low Supply Voltage 75OHM Driver
logo
Mitsumi Electronics, Co...
MM1672 MITSUMI-MM1672 Datasheet
77Kb / 12P
Low Voltage Operating 75hom Driver
More results

Similar Description - MM1663A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5722A12 ROHM-BP5722A12 Datasheet
707Kb / 3P
AC220V, 12V.1000mA
logo
Enpirion, Inc.
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
1000mA Synchronous Buck Regulator with Integrated Inductor
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
logo
New Japan Radio
NJW4187 NJRC-NJW4187 Datasheet
151Kb / 1P
40V Io=1000mA Low dropout Regulator
logo
Enpirion, Inc.
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
1000mA Synchronous Buck Regulator with Integrated Inductor
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
Up to 1000mA | LED Driver
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
Monolithic Synchronous Regulator
logo
Asahi Kasei Microsystem...
AP1163 AKM-AP1163 Datasheet
788Kb / 16P
1000mA LDO Regulator with Over/Under Voltage Detection Function
logo
Mitsumi Electronics, Co...
MM342XX MITSUMI-MM342XX Datasheet
140Kb / 13P
1000mA Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com