Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1663C Datasheet(PDF) 7 Page - Mitsumi Electronics, Corp.

Part # MM1663C
Description  1000mA Regulator Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1663C Datasheet(HTML) 7 Page - Mitsumi Electronics, Corp.

  MM1663C Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUMI
1000mA Regulator MM166
F
Input Voltage-Output Voltage
Input Current-Input Voltage
0.0
56
12
10
9
8
7
34
0
Input Voltage VIN(V)
2.5
2.0
1.5
1.0
0.5
3.0
4.0
3.5
RL=
∞
RL=13.2
Ω
RL=6.6
Ω
0.0
6
210
8
4
0
Input Voltage VIN(V)
2.5
2.0
1.5
1.0
0.5
3.0
3.5
4.5
4.0
RL=
∞
Load Regulation
-30
0.6
0.2
1
0.8
0.4
0
Load Current(A)
0
-10
-20
30
20
10
Line Regulation
Dropout Voltage
-20
9
56
10
78
4
Input Voltage(V)
0
-10
-5
-15
20
15
10
5
0
400
600
200
1000
800
0
Output Current(mA)
300
200
100
700
400
600
500
VIN=3.1V
Output Voltage-Temperature
3.1
75 100
-25
150
125
025
50
-50
Temperature(˚C)
3.3
3.2
3.5
3.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com