Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1663C Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1663C
Description  1000mA Regulator Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1663C Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1663C Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1663C Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUMI
1000mA Regulator MM166
F
Equivalent Circuit Diagram
GND
VIN
Thermal
shutdown
Bias
Cont
Driver
limitter
Current
Cn
Reference
OUT
V
Pin Description
Pin No.
Pin name
Function
Internal equivalent circuit diagram
Error
Amp.
OUT
V
Error
Amp.
OUT
V
Cn
1
VOUT
Output pin
2
NC
No connection
3
GND
Ground
4
Cn
Noise decrease pin
HSOP-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com