Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1663D Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM1663D
Description  1000mA Regulator Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1663D Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM1663D Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUMI
1000mA Regulator MM166
F
Measuring Circuit
NC
12
GND
3
7
6
NC NC
VIN
Cn
4
Cont
VO
8
V
A
A
5
A
1.0
µF
0.1
µF
2.2
µF
Ceramic
Cn=470pF
Electrical Characteristics 2
Product
Test
Output voltage
name
condisions Min. Typ. Max.
MM1661F
1.470
1.5
1.530
MM1661G
1.568
1.6
1.632
MM1661H
1.666
1.7
1.734
MM1661J
1.764
1.8
1.836
MM1661K
1.862
1.9
1.938
MM1662A
1.960
2.0
2.040
MM1662B
2.058
2.1
2.142
MM1662C
2.156
2.2
2.244
MM1662D
2.254
2.3
2.346
MM1662E
2.352
2.4
2.448
MM1662F
2.450
2.5
2.550
MM1662G
2.548
2.6
2.652
MM1662H
2.646
2.7
2.754
MM1662J
2.744
2.8
2.856
MM1662K
2.842
2.9
2.958
MM1663A
2.940
3.0
3.060
MM1663B
3.038
3.1
3.162
MM1663C
3.136
3.2
3.264
MM1663D
3.234
3.3
3.366
MM1663E
3.332
3.4
3.468
MM1663F
3.430
3.5
3.570
MM1663G
3.528
3.6
3.672
MM1663H
3.626
3.7
3.774
MM1663J
3.724
3.8
3.876
MM1663K
3.822
3.9
3.978
Io=250mA
Product
Test
Output voltage
name
condisions Min. Typ. Max.
MM1664A
3.920
4.0
4.080
MM1664B
4.018
4.1
4.182
MM1664C
4.116
4.2
4.284
MM1664D
4.214
4.3
4.386
MM1664E
4.312
4.4
4.488
MM1664F
4.410
4.5
4.590
MM1664G
4.508
4.6
4.692
MM1664H
4.606
4.7
4.794
MM1664J
4.704
4.8
4.896
MM1664K
4.802
4.9
4.998
MM1665A
4.900
5.0
5.100
Io=250mA
Output Voltage
GND
1
3
2
VIN
VO
A
1.0
µF
Ceramic
V
A
0.1
µF
2.2
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com