Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1663D Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # MM1663D
Description  1000mA Regulator Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1663D Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

  MM1663D Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1663D Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MITSUMI
1000mA Regulator MM166
F
Characteristics (3.0V product Except where noted therwise, Ta=25°C, VIN=5V, VCONT=5V, CIN=1µF, CO=2.2µ)
Application Circuit
NC
12
GND
3
7
6
NC NC
VIN
Cn
4
Cont
VO
8
5
1.0
µF
0.1
µF
2.2
µF
Ceramic
Ceramic
Input
To load
Cn=470pF
Ceramic
Note
1. The output capacitor is required between output and GND to prevent oscillation.
2. The ESR of capacitor must be defined in ESR stability area.
3. The wire of Vcc and GND is required to print full ground plane for noise and stability.
4. The input capacitor must be connected a distance of less than 1cm from input pin.
5. The capacitor is connected to Cn must have low leakage current characteristics, because Cn pin is high
impedance.
6. In case the output voltage is above the input voltage, the overcurrent flow by internal parasitic diode from
output to input. In such application, the external bypass diode must be connected between output and
input pin.
GND
1
3
2
VIN
VO
1.0
µF
Ceramic
0.1
µF
2.2
µF
About Power dissipation
This IC's GND pin and Heat Spreader Bottom effectively radiate heat. By increasing these copper foil pattern
area of PCB, Power dissipation improves. Please kindly desigh PCB pattern taking care of above features
about power dissipation.
Power Dissipation
0
500
1000
1500
2000
2500
3000
0
25
50
75
100
125
150
Ambient Temperature(˚C)
HSOP-8 : 37mm
37mm
1.6mm
Double sided glass epoxy
Copper plane 80%
To-252 : 150mm
100mm
1.0mm
Double sided glass epoxy
Copper plane 80%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com