Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2011STRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2011STRPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011STRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2011STRPBF Datasheet HTML 1Page - International Rectifier IRS2011STRPBF Datasheet HTML 2Page - International Rectifier IRS2011STRPBF Datasheet HTML 3Page - International Rectifier IRS2011STRPBF Datasheet HTML 4Page - International Rectifier IRS2011STRPBF Datasheet HTML 5Page - International Rectifier IRS2011STRPBF Datasheet HTML 6Page - International Rectifier IRS2011STRPBF Datasheet HTML 7Page - International Rectifier IRS2011STRPBF Datasheet HTML 8Page - International Rectifier IRS2011STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.irf.com
2
IRS2011(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
-0.3
220 (Note 1)
VS
High-side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side fixed supply voltage
-0.3
20 (Note 1)
VLO
Low-side output voltage
-0.3
VCC +0.3
VIN
Logic input voltage (HIN & LIN)
-0.3
VCC +0.3
dVs/dt
Allowable offset supply voltage transient (Fig. 2)
—
50
V/ns
PD
Package power dissipation @ TA = +25 °C
(8-lead DIP)
—
1.0
(8-lead SOIC)
—
0.625
RTHJA
Thermal resistance, junction to ambient
(8-lead DIP)
—
125
(8-lead SOIC)
—
200
TJ
Junction temperature
—
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
°C/W
W
V
°C
Note 2: Logic operational for VS of -5 V to +200 V. Logic state held for VS of -5 V to -VBS.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply absolute voltage
VS + 10
VS + 20
VS
High-side floating supply offset voltage
Note 2
200
VHO
High-side floating output voltage
VS
VB
VCC
Low-side fixed supply voltage
10
20
VLO
Low-side output voltage
0
VCC
VIN
Logic input voltage (HIN & LIN)
COM
5.5
TA
Ambient temperature
-40
125
°C
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. The VS and COM offset ratings
are tested with all supplies biased at a 15 V differential.
V
Note 1: All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com