Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2011STRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2011STRPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2011STRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2011STRPBF Datasheet HTML 3Page - International Rectifier IRS2011STRPBF Datasheet HTML 4Page - International Rectifier IRS2011STRPBF Datasheet HTML 5Page - International Rectifier IRS2011STRPBF Datasheet HTML 6Page - International Rectifier IRS2011STRPBF Datasheet HTML 7Page - International Rectifier IRS2011STRPBF Datasheet HTML 8Page - International Rectifier IRS2011STRPBF Datasheet HTML 9Page - International Rectifier IRS2011STRPBF Datasheet HTML 10Page - International Rectifier IRS2011STRPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.irf.com
7
IRS2011(S)PbF
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (oC)
Fiure 4A. Turn-On Rise Time
vs.Temperature
0
20
40
60
80
100
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 4B. Turn-On Rise Time
vs. Supply Voltage
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 5A. Turn-Off Fall Time
vs. Temperature
0
10
20
30
40
50
10
12
14
16
18
20
V
BIAS Supply Voltage (V)
Figure 5B. Turn-Off Fall Time
vs. Supply Voltage
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com