Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH9 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMH9
Description  NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH9 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMH9 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PEMH9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH9 PHILIPS-PEMH9 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Nov 07
PEMH9 NXP-PEMH9 Datasheet
157Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH9 NEXPERIA-PEMH9 Datasheet
920Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
More results

Similar Description - PEMH9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z_15 Datasheet
750Kb / 17P
NPN resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 8-5 December 2011
PDTC144E PHILIPS-PDTC144E_15 Datasheet
760Kb / 17P
NPN resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 9-15 November 2011
PEMD9_PUMD9 PHILIPS-PEMD9_PUMD9_15 Datasheet
926Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 10 k?? R2 = 47 k?
Rev. 6-22 November 2011
PEMD12_PUMD12 PHILIPS-PEMD12_PUMD12_15 Datasheet
965Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 47 k?? R2 = 47 k?
Rev. 4-21 November 2011
PEMH2_PUMH2 PHILIPS-PEMH2_PUMH2_15 Datasheet
621Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 5-5 December 2011
logo
Nexperia B.V. All right...
PEMD12 NEXPERIA-PEMD12 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 4 - 21 November 2011
PEMD9 NEXPERIA-PEMD9 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 6 - 22 November 2011
PDTC114Y_SER NEXPERIA-PDTC114Y_SER Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 7 - 18 November 2011
PDTC144E_SER NEXPERIA-PDTC144E_SER Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PEMH2 NEXPERIA-PEMH2_V01 Datasheet
912Kb / 15P
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com