Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH9 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PEMH9
Description  NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH9 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PEMH9 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMH9 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PEMH9_PIMH9_PUMH9
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2013
9 of 17
NXP Semiconductors
PEMH9; PIMH9; PUMH9
NPN/NPN resistor-equipped transistors; R1 = 10 k
, R2 = 47 k
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
f=1MHz; Tamb =25 CVCE =5V; Tamb =25 C
Fig 9.
Collector capacitance as a function of
collector-base voltage; typical values
Fig 10. Transition frequency as a function of collector
current; typical values of built-in transistor
VCB (V)
050
40
20
30
10
006aac788
1
2
3
Cc
(pF)
0
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com