Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 28Page - NXP Semiconductors RT600 Datasheet HTML 29Page - NXP Semiconductors RT600 Datasheet HTML 30Page - NXP Semiconductors RT600 Datasheet HTML 31Page - NXP Semiconductors RT600 Datasheet HTML 32Page - NXP Semiconductors RT600 Datasheet HTML 33Page - NXP Semiconductors RT600 Datasheet HTML 34Page - NXP Semiconductors RT600 Datasheet HTML 35Page - NXP Semiconductors RT600 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
32 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO2_4
-
T13
N5
Z I/O 0
PIO2_4 — General-purpose digital input/output pin.
I
1
SD0_WR_PRT — SD/MMC 0 write protect.
O
2
SCT0_OUT2 — SCTimer/PWM output 2.
3
R — Reserved.
4
R — Reserved.
I
5
SD0_DS — Read data strobe from SD/MMC0 device.
PIO2_5
-
U13
M4
Z I/O 0
PIO2_5 — General-purpose digital input/output pin.
I/O 1
SD0_D[4] — SD/MMC0 interface data 4.
O
2
SCT0_OUT3 — SCTimer/PWM output 3.
3
R — Reserved.
PIO2_6
-
U15
P4
Z I/O 0
PIO2_6 — General-purpose digital input/output pin.
I/O 1
SD0_D[5] — SD/MMC0 interface data 5.
I
2
SCT0_GPI4 — Pin input 4 to SCTimer/PWM.
3
R — Reserved.
O
4
CTIMER1_MAT0 — 32-bit CTimer1 match output 0.
PIO2_7
-
U16
N4
Z I/O 0
PIO2_7 — General-purpose digital input/output pin.
I/O 1
SD0_D[6] — SD/MMC0 interface data 6.
I
2
SCT0_GPI5 — Pin input 5 to SCTimer/PWM.
3
R — Reserved.
O
4
CTIMER1_MAT1 — 32-bit CTimer1 match output 1.
PIO2_8
-
U17
M1
Z I/O 0
PIO2_8 — General-purpose digital input/output pin.
I/O 1
SD0_D[7] — SD/MMC0 interface data 7.
O
2
SCT0_OUT4 — SCTimer/PWM output 4.
3
R — Reserved.
O
4
CTIMER1_MAT2 — 32-bit CTimer1 match output 2.
PIO2_9
-
R13
M2
Z I/O 0
PIO2_9 — General-purpose digital input/output pin.
I
1
SD0_CARD_DET_N — SD/MMC 0 card detect (active low).
O
2
SCT0_OUT5 — SCTimer/PWM output 5.
3
R — Reserved.
O
4
CTIMER1_MAT3 — 32-bit CTimer1 match output 3.
PIO2_10
-
T15
M3
Z I/O 0
PIO2_10 — General-purpose digital input/output pin.
O
1
SD0_RESET_N — SD/MMC0 card hardware reset, active
low.
I
2
SCT0_GPI6 — Pin input 6 to SCTimer/PWM.
3
R — Reserved.
O
4
CTIMER2_MAT0 — 32-bit CTimer2 match output 0.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com