Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT600 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 55Page - NXP Semiconductors RT600 Datasheet HTML 56Page - NXP Semiconductors RT600 Datasheet HTML 57Page - NXP Semiconductors RT600 Datasheet HTML 58Page - NXP Semiconductors RT600 Datasheet HTML 59Page - NXP Semiconductors RT600 Datasheet HTML 60Page - NXP Semiconductors RT600 Datasheet HTML 61Page - NXP Semiconductors RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
59 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
10.12.6 Cortex-M33 Memory overview
Table 10 gives a more detailed memory map as seen by the Cortex-M33. The purpose of
the four address spaces for the shared RAMs is outlined at the beginning of this chapter.
The details of which shared RAM regions are on which AHB matrix slave ports can be
seen here. Further details given in Section 10.12.6.
[1] Gaps between AHB matrix slave ports are not shown.
[2] Details of this space may be found in Section 10.12.8 “APB peripherals”.
[3] Details of this space may be found in Section 10.12.9 “AHB peripherals”.
Table 10. Cortex-M33 overview memory map
AHB
port
Non-secure
start address
Non-secure
end address
Securestart
address
Secure end
address
Function [1]
2
0x0000 0000 0x0000 FFFF 0x1000 0000 0x1000 FFFF Shared RAM on CM33 code bus, partitions 0 to 1.
3
0x0001 0000 0x0001 FFFF 0x1001 0000 0x1001 FFFF Shared RAM on CM33 code bus, partitions 2 to 3.
4
0x0002 0000 0x0003 FFFF 0x1002 0000 0x1003 FFFF Shared RAM on CM33 code bus, partitions 4 to 7.
5
0x0004 0000 0x0007 FFFF 0x1004 0000 0x1007 FFFF Shared RAM on CM33 code bus, partitions 8 to 11.
6
0x0008 0000 0x000F FFFF 0x1008 0000 0x100F FFFF Shared RAM on CM33 code bus, partitions 12 to 15.
7
0x0010 0000 0x001F FFFF 0x1010 0000 0x101F FFFF Shared RAM on CM33 code bus, partitions 16 to 19.
8
0x0020 0000 0x002F FFFF 0x1020 0000 0x102F FFFF Shared RAM on CM33 code bus, partitions 20 to 23.
9
0x0030 0000 0x003F FFFF 0x1030 0000 0x103F FFFF Shared RAM on CM33 code bus, partitions 24 to 27.
10
0x0040 0000 0x0047 FFFF 0x1040 0000 0x1047 FFFF Shared RAM on CM33 code bus, partitions 28 to 29.
0
0x0300 0000 0x0303 FFFF 0x1300 0000 0x1303 FFFF Boot ROM
1
0x0800 0000 0x0FFF FFFF 0x1800 0000 0x1FFF FFFF FlexSPI memory mapped space with cache and
on-the-fly AES decryption.
2
0x2000 0000 0x2000 FFFF 0x3000 0000 0x3000 FFFF Shared RAM on CM33 data bus, partitions 0 to 1.
3
0x2001 0000 0x2001 FFFF 0x3001 0000 0x3001 FFFF Shared RAM on CM33 data bus, partitions 2 to 3.
4
0x2002 0000 0x2003 FFFF 0x3002 0000 0x3003 FFFF Shared RAM on CM33 data bus, partitions 4 to 7.
5
0x2004 0000 0x2007 FFFF 0x3004 0000 0x3007 FFFF Shared RAM on CM33 data bus, partitions 8 to 11.
6
0x2008 0000 0x200F FFFF 0x3008 0000 0x300F FFFF Shared RAM on CM33 data bus, partitions 12 to 15.
7
0x2010 0000 0x201F FFFF 0x3010 0000 0x301F FFFF Shared RAM on CM33 data bus, partitions 16 to 19.
8
0x2020 0000 0x202F FFFF 0x3020 0000 0x302F FFFF Shared RAM on CM33 data bus, partitions 20 to 23.
9
0x2030 0000 0x203F FFFF 0x3030 0000 0x303F FFFF Shared RAM on CM33 data bus, partitions 24 to 27.
10
0x2040 0000 0x2047 FFFF 0x3040 0000 0x3047 FFFF Shared RAM on CM33 data bus, partitions 28 to 29.
11
0x2400 0000 0x240F FFFF 0x3400 0000 0x340F FFFF HiFi 4 inbound PIF. Allows AHB access to HiFi 4
Instruction and Data TCMs.
12
0x4000 0000 0x4001 FFFF 0x5000 0000 0x5001 FFFF AHB to APB bridge 0 [2]
0x4002 0000 0x4003 FFFF 0x5002 0000 0x5003 FFFF AHB to APB bridge 1 [2]
13
0x4010 0000 0x4011 FFFF 0x5010 0000 0x5011 FFFF AHB peripherals [3]
14
0x4012 0000 0x4012 FFFF 0x5012 0000 0x5012 FFFF AHB peripherals [3]
15
0x4013 0000 0x4013 FFFF 0x5013 0000 0x5013 FFFF AHB peripherals [3]
16
0x4014 0000 0x4014 FFFF 0x5014 0000 0x5014 FFFF AHB peripherals [3]
17
0x4015 0000 0x4015 FFFF 0x5015 0000 0x5015 FFFF AHB peripherals [3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com