Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC14568P/R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PC14568P/R2
Description  Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC14568P/R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PC14568P/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Sensors
2
Freescale Semiconductor
MC14568
Figure 2. Functional Block Diagram
CAUTION: CMOS devices have input static protection but are susceptible to damage when exposed to extremely high static electrical charges.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage Range
VDD
-0.5 to +15
V
Input Voltage Range
VIN
-0.3 to VDD +0.3
V
Maximum Current (Source/Sink) by Pins 6 (VDD) and Pin 9 (VSS)
IDS
30
mA
Maximum Current Input Pins
IIN
±10
mA
Maximum Current Output Pins (Pins 2, 4, 5, 10, 11)
—
±25
mA
Maximum Current (Pin 15)
—
±1.0
mA
Operating Temperature Range
TA
0 to +50
°C
Storage Temperature Range
TSTG
-55 to +125
°C
Human Body Model ESD Rating
VESD
1000
V
(
)
VDD
6
3
13
9
2
I/O
VDD
LOGIC
LOW-V SET.
SENSITIVITY SET.
–Supply
VSS
13
15
16
1
+
–
+
–
+
–
FEEDBACK
HORN 2
HORN 1
LED
5
VDD
Power On
Reset
Oscillator
& Timing
12
7
4
VDD
OSC CAP.
TIMING RES.
TIMER
OUT
TIMER
START
8
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com