Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC14568P/R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PC14568P/R2
Description  Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC14568P/R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PC14568P/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC14568P/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: MC14568
Rev. 1.0, 11/2006
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2006. All rights reserved.
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
Low-Power CMOS Ionization Smoke
Detector with Interconnect and Timer
The MC14568, when used with an ionization chamber and a small number of
external components, will detect smoke. When smoke is sensed, an alarm is
sounded via an external piezoelectric transducer and internal drivers. This circuit
is designed to operate in smoke detector systems that comply with UL217 and
UL268 specifications.
An internal oscillator with associated logic controls the overall functionality by
powering down the device for 1.67 seconds and sensing smoke in a 10 ms
window. In this way, standby current consumption is reduced to between 5.0 and
9.0
µA, thus providing longer battery life. In addition, a networking capability
allows as many as 125 to be interconnected so that if any unit senses smoke, all
units will sound an alarm.
The MC14568 is supplied in a 16-pin dual in-line plastic package and is
designed to run on a power supply between 6 to 12 Volts.
Features
Speed-Up Sampling Rate of 40 ms of Internal Clock Period (Pin 12) After First
Detection of Smoke
Timer Function for Reduced Sensitivity for a Nominal Period of 6.43 Minutes
(10 Minutes Max)
High-Smoke Detection in the “Reduced Sensitivity” Mode
Internal and External Low Battery Threshold
Internal and External Smoke Reference Settings
Guaranteed Power Up Without Random LED and Horn Chirps
Reversed Battery Protection
Low Leakage Detect Pin
Metal Option to Add Double Chirp at End of Reduced Sensitivity Period;
Default is No Chirp
Pb-Free Packaging Designated by Suffix Code ED
ORDERING INFORMATION
Device
Case No.
Package
PC14568P/R2
648-08
Plastic Dip
PC14568ED/R2
MC14568
P SUFFIX
ED SUFFIX (PB-FREE)
PLASTIC DIP
CASE 648-08
LOW-POWER CMOS IONIZATION
SMOKE DETECTOR WITH
INTERCONNECT AND TIMER
Figure 1. Pin Connections
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TIMER START
I/O
LOW-V SET
TIMER OUT
LED
VDD
TIMING R
FEEDBACK
GUARD 2
DETECT INPUT
GUARD 1
SENSITIVITY SET
OSCILLATOR CAP
HORN 2
HORN 1
VSS


Similar Part No. - PC14568P/R2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - PC14568P/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com