Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7410 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCI7410
Description  PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7410 Datasheet(HTML) 2 Page - Texas Instruments

  PCI7410 Datasheet HTML 1Page - Texas Instruments PCI7410 Datasheet HTML 2Page - Texas Instruments PCI7410 Datasheet HTML 3Page - Texas Instruments PCI7410 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
DESCRIPTION
PCI7410
SLLA247 – JULY 2006
•
Node power class information signaling for
•
PCI power-management D0, D1, D2, and D3
system power management
power states
•
Register bits give software control of
•
Initial bandwidth available and initial
contender bit, power class bits, link active
channels available registers
control bit, and IEEE Std 1394a-2000 features
•
PME support per 1394 Open Host Controller
•
Isochronous receive dual-buffer mode
Interface Specification
•
Out-of-order pipelining for asynchronous
•
Advanced submicron, low-power CMOS
transmit requests
technology
•
Register access fail interrupt when the PHY
SCLK is not active
The Texas Instruments PCI7410 device is an integrated single-socket UltraMedia™ PC Card controller with an
IEEE 1394 open host controller link-layer controller (LLC) and two-port 1394 PHY. The PCI7410 controller also
includes a dedicated interface that can be used as a Secure Digital (SD)/MultiMediaCard (MMC), or Memory
Stick socket. This high performance integrated solution provides the latest in PC Card, IEEE 1394, and
UltraMedia™ technology.
The PCI7410 CardBus controller is a four-function, 33-MHz PCI device compliant with the PCI Local Bus
Specification. Function 0 provides a PC Card socket controller compliant with the latest PC Card Standards.
Function 1 provides a dedicated socket for either SD/MMC or Memory Stick. Function 2 of the PCI7410
controller is an integrated IEEE 1394 OHCI host controller and two-port PHY. Function 3 is the interface to load
the PCI7410 program RAM with firmware. The PCI7410 controller provides features that make it the best choice
for bridging between the PCI bus and PC Cards, and supports any combination of 16-bit and CardBus cards
powered at 5 V or 3.3 V as required.
There is no PCMCIA card and socket service software changes required to move systems from the existing
CardBus socket controller to the PCI7410 controller. The PCI7410 controller is register compatible with the Intel
82365SL–DF ExCA controller and implements the host interface defined in the PC Card Standard. The PCI7410
internal data path logic allows the host to access 8-, 16-, and 32-bit cards using full 32-bit PCI cycles for
maximum performance. Independent buffering and the pipeline architecture provide an unsurpassed
performance level with sustained bursting. The PCI7410 controller can be programmed to accept posted writes
to improve bus utilization. All card signals are internally buffered to allow hot insertion and removal without
external buffering.
Function 1 of the PCI7410 controller provides a dedicated interface for either a Secure Digital (and MMC) or
Memory Stick socket. Secure Digital cards are based upon the MultiMediaCard (MMC). SD is essentially a
superset of MMC. The additional security features of the SD cards also allow their use in more-secure
applications or in devices where content protection is essential. Memory Stick cards are about the size of a stick
of gum and are 2,8 mm thick. Developed by Sony, there are two types of Memory Stick cards, the standard
Memory Stick and MagicGate Memory Stick. MagicGate technology provides security to Memory Stick cards so
that they can be used to store and protect copyrighted data.
Function 2 of the PCI7410 controller is an integrated 1394a-2000 OHCI PHY/link-layer controller (LLC) that is
fully compliant with the PCI Local Bus Specification, the PCI Bus Power Management Interface Specification,
IEEE Std 1394-1995, IEEE Std 1394a-2000, and the 1394 Open Host Controller Interface Specification. It is
capable of transferring data between the 33-MHz PCI bus and the 1394 bus at 100M bits/s, 200M bits/s, and
400M bits/s. The PCI7410 controller provides two 1394 ports that have separate cable bias (TPBIAS). The
PCI7410 controller also supports the IEEE Std 1394a-2000 power-down features for battery-operated
applications and arbitration enhancements.
As required by the 1394 Open Host Controller Interface Specification (OHCI) and IEEE Std 1394a-2000, internal
control registers are memory-mapped and non-prefetchable. The PCI configuration header is accessed through
configuration cycles specified by PCI, and it provides plug-and-play (PnP) compatibility. Furthermore, the
PCI7410 controller is compliant with the PCI Bus Power Management Interface Specification as specified by the
PC 2001 Design Guide requirements. The PCI7410 controller supports the D0, D1, D2, and D3 power states.
Function 3 of the PCI7410 controller is the interface to load the PCI7410 program RAM with firmware. This
function provides an I/O window that a software driver uses to load the PCI7410 firmware into the internal RAM.
2
Submit Documentation Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com