Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7410 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCI7410
Description  PC Card, UltraMedia and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7410 Datasheet(HTML) 3 Page - Texas Instruments

  PCI7410 Datasheet HTML 1Page - Texas Instruments PCI7410 Datasheet HTML 2Page - Texas Instruments PCI7410 Datasheet HTML 3Page - Texas Instruments PCI7410 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.ti.com
PCI7410
SLLA247 – JULY 2006
The PCI7410 design provides PCI bus master bursting, and it is capable of transferring a cacheline of data at
132M bytes/s after connection to the memory controller. Because PCI latency can be large, deep FIFOs are
provided to buffer the 1394 data.
The PCI7410 controller provides physical write posting buffers and a highly-tuned physical data path for SBP-2
performance. The PCI7410 controller also provides multiple isochronous contexts, multiple cacheline burst
transfers, advanced internal arbitration, and bus-holding buffers.
The PCI7410 PHY-layer provides the digital and analog transceiver functions needed to implement a two-port
node in a cable-based 1394 network. Each cable port incorporates two differential line transceivers. The
transceivers include circuitry to monitor the line conditions as needed for determining connection status, for
initialization and arbitration, and for packet reception and transmission.
The PCI7410 PHY-layer requires only an external 24.576-MHz crystal as a reference for the cable ports. An
external clock may be provided instead of a crystal. An internal oscillator drives an internal phase-locked loop
(PLL), which generates the required 393.216-MHz reference signal. This reference signal is internally divided to
provide the clock signals that control transmission of the outbound encoded strobe and data information. A
49.152-MHz clock signal is supplied to the integrated LLC for synchronization and is used for resynchronization
of the received data. Data bits to be transmitted through the cable ports are received from the integrated LLC
and are latched internally in synchronization with the 49.152-MHz system clock. These bits are combined
serially, encoded, and transmitted at 98.304M, 196.608M, or 393.216M bits/s (referred to as S100, S200, or
S400 speeds, respectively) as the outbound data-strobe information stream. During transmission, the encoded
data information is transmitted differentially on the twisted-pair B (TPB) cable pair(s), and the encoded strobe
information is transmitted differentially on the twisted-pair A (TPA) cable pair(s).
Various implementation specific functions and general-purpose inputs and outputs are provided through several
multifunction terminals. These terminals present a system with options, such as PCI LOCK and parallel IRQs.
ACPI-complaint general-purpose events may be programmed and controlled through the multifunction terminals,
and an ACPI-compliant programming interface is included for the general-purpose inputs and outputs.
The PCI7410 controller is compliant with the latest PCI Bus Power Management Specification, and provides
several low-power modes, which enable the host power system to further reduce power consumption. The
PCI7410 controller also has a four-pin interface compatible with both the TI TPS2211 and TPS2221 power
switches.
An advanced CMOS process achieves low power consumption and allows the PCI7410 controller to operate at
PCI clock rates up to 33 MHz.
NOTE:
This product is for high-volume PC applications only. For a complete datasheet or
more information contact support@ti.com.
3
Submit Documentation Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com