Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0807 Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 0807
Description  SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0807 Datasheet(HTML) 2 Page - Bivar, Inc.

  0807 Datasheet HTML 1Page - Bivar, Inc. 0807 Datasheet HTML 2Page - Bivar, Inc. 0807 Datasheet HTML 3Page - Bivar, Inc. 0807 Datasheet HTML 4Page - Bivar, Inc. 0807 Datasheet HTML 5Page - Bivar, Inc. 0807 Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
T
A
= 25°C unless otherwise noted
Item
Symbol
Maximum
Unit
Peak Forward Current 1
IFP
100
mA
Reverse Voltage
VR
5
V
Derating Linear from 25°C
-
0.4
mA/°C
Operating Temperature Range
Topr
-40 to 80
°C
Storage Temperature Range
Tstg
-40 to 85
°C
Notes: 1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
Electrical/Optical Characteristics
(Ta = 25°C)
Chip
Lens
Appearance
Absolute Maximum Rating
Electro-Optical Data (at 20mA)
Viewing Angle
2θ ½ (deg)
Emitted Color
λP
(nm)
λD
(nm)
Δλ
(nm)
Pd
(mW)
If
(mA)
Vf (V)
Iv (mcd)
Typ.
Max.
Min.
Typ.
Ultra High
Red
(Die 1)
639
630
Water Clear
18
75
30
2.0
2.5
40
75
120̊
Blue
(Die 2)
458
462
25
111
30
3.2
3.7
32
62
Green
(Die 3)
518
522
34
111
30
3.3
3.7
250
450
Recommended Reflow Temp/Time:
Please refer to the figure on the right:
Temp. (̊C)
Time (sec)
a
25
T0~T1
Max. 3̊C/sec
b
150
T1~T2
90~130 sec
c
200
T2~T4
Max. 3̊C/sec
d
220
T3~T6
Max. 50 sec
e
245
f
Max. 260
Max. 5 sec
T5~T7
Max. -3̊C/sec
Belt Speed
70~90 cm/min
Note: Will vary based on equipment and process used.
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision A 8/21
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com