Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0807 Datasheet(PDF) 5 Page - Bivar, Inc.

Part # 0807
Description  SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

0807 Datasheet(HTML) 5 Page - Bivar, Inc.

  0807 Datasheet HTML 1Page - Bivar, Inc. 0807 Datasheet HTML 2Page - Bivar, Inc. 0807 Datasheet HTML 3Page - Bivar, Inc. 0807 Datasheet HTML 4Page - Bivar, Inc. 0807 Datasheet HTML 5Page - Bivar, Inc. 0807 Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Storage:
1. The storage temperature and relative humidity range are: 5̊C ~ 30̊C, R.H. 60 % max
2. Once the package is opened, products should be used within 72 hrs. Otherwise, they should be kept in a damp-
proof box with a desiccating agent. Considering the tape life, we suggest using the product within 1 year of
production date.
3. It’s recommended to bake at 80̊C ± 5̊C for 24 hrs before soldering them when the package is unsealed for 72 hrs.
Tape Specification: 3000 pcs per Reel
Packing Size
Item
W
P1
E
F
Do
D1
Po
10Po
P2
Ao
Bo
Ko
t
Spec.
(mm)
8.00
4.00
1.75
3.50
1.50
1.00
4.00
40.00
2.00
1.95
2.25
1.35
0.20
Tolerance
(mm)
+0.30
-0.10
±0.10
±0.10
±0.05
+0.10
-0.00
+0.25
-0.00
±0.05
±0.20
±0.05
±0.10
±0.10
±0.10
±0.05
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision A 8/21
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com