Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8124S Datasheet(PDF) 39 Page - PCA ELECTRONICS INC.

Part # EPF8124S
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8124S Datasheet(HTML) 39 Page - PCA ELECTRONICS INC.

Back Button EPF8124S Datasheet HTML 35Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 36Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 37Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 38Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 39Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 40Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 41Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 42Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 43Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Module for
Quad-Port Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with SEEQ 84220 Chip
• Designed for Dual Stacked RJ-45 Connector
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8124S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8124S
Rev. 2
7/29/02
•
Isolation : 1500 Vrms • Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-30
1-100
MHz
1-100
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
100
MHz
-10/-10
Xmit/Rcv
200
MHz
Xmit/Rcv
-20/-20
300
MHz
Xmit/Rcv
-20/-10
30-100
MHz
-30/-20
Xmit/Rcv
500
MHz
Xmit/Rcv
-10/---
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Media Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8124S
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
Transmit Channel
38, 33, 28, 23
40, 35, 30, 25
39, 34, 29, 24
1CT : 1CT
5, 8, 15, 18
4, 7, 14, 17
3, 6, 13, 16
Media
Side
Chip
Side
Chip
Side
Receive Channel
Media
Side
1 : 1
36, 31, 26, 21
37, 32, 27, 22
2, 10, 12, 20
1, 9, 11, 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com