Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8124S Datasheet(PDF) 79 Page - PCA ELECTRONICS INC.

Part # EPF8124S
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8124S Datasheet(HTML) 79 Page - PCA ELECTRONICS INC.

Back Button EPF8124S Datasheet HTML 75Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 76Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 77Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 78Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 79Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 80Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 81Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 82Page - PCA ELECTRONICS INC. EPF8124S Datasheet HTML 83Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
E L E C T R O N I C S I N C .
1000Base-T Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Complies with or exceeds IEEE 802.3ab 1000Base-T
• Guaranteed to operate with 10/100Base-TX
• 1500 Vrms Isolation
EPG4002S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSFG4002S
Rev. Orig1
5/8/03
Insertion Loss
(dB Max.)
1-65
MHz
-0.5
OCL
(µH Min.)
@ 100 KHz, 0.1 Vrms
8 mA DC bias
350 (Media Side)
Common to Differential
(dB Min.)
Cross talk
(dB Min.)
-35
60
MHz
-30
100
MHz
-40
1-40
MHz
-35
50
MHz
-30
100
MHz
-40
30
MHz
-30
1-100
MHz
CMRR
(dB Min.)
-68
1
MHz
-0.8
65-100
MHz
100-125
MHz
-1.2
-12
80
MHz
-10
100
MHz
-15
60
MHz
-18
1-40
MHz
Return Loss
(dB Min.)
• Rise Time : 1.75 nS Max. • Impedance : 100
Ω •
Schematic
0.1-1
MHz
-1.1
1CT:1CT
39, 34, 29, 24
38, 33, 28, 23
37, 32, 27, 22
2, 7, 12,
1, 6, 11,
3, 8, 13,
.050
(1.27)
Solder Pad Layout
PCA
EPG4002S
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com