Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8024G Datasheet(PDF) 21 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 21 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 17Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 18Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 19Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 20Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 21Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 22Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 23Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 24Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 25Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Robust construction allows for toughest reflow processing
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6166S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6166S
Rev. C
5/6/03
• Cut-off Frequency : 17 MHz ± 1, Ref. @ 5 MHz • Characteristic Filter Impedance : Xmit 52
Ω, Rcv 100 Ω •
Insertion
Loss
(dB Max.)
1-10 MHz
-1
Xmit
Return
Loss
(dB Min.)
5-10 MHz
-15
Xmit
@ 25 MHz
-18
Xmit
Common Mode
Rejection
(dB Min.)
30-100 MHz
Xmit
-30
@ 30 MHz
-30
Xmit
OCL
(µH Min.)
@ 100 KHz, 20 mVrms
140
Cable Side
Crosstalk
(dB Min.)
-30
1-10 MHz
Between Channels
Attenuation
(dB Min.)
@ 20 MHz
-7
Xmit
@ 40 MHz
-35
Xmit
PCA
EPE6166S
Date Code
.540
(13.72)
.270
(6.86)
.240
(6.10)
.350
(8.89)
.010/.015
(.254/.381)
.050
(1.27)
.370
(9.40)
.016/.022
(.406/.559)
.008/.012
(.203/.305)
.095
(2.41)
0°-8°
.035
(.889)
Suggested
Solder Pad
Layout
.030
(.762)
.150
(3.81)
.420
(10.67)
.055
(1.40)
.050
(1.27)
.150
(3.81)
Chip
Side
Cable
Side
Chip
Side
Cable
Side
Receive
1
3
16
14
1:1
2
15
Transmit
6
8
11
9
7
10
1:
2
7 Pole
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com