Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8024G Datasheet(PDF) 9 Page - PCA ELECTRONICS INC.

Part # EPF8024G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8024G Datasheet(HTML) 9 Page - PCA ELECTRONICS INC.

Back Button EPF8024G Datasheet HTML 5Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 6Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 7Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 8Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 9Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 10Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 11Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 12Page - PCA ELECTRONICS INC. EPF8024G Datasheet HTML 13Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Filter Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for use with Seeq 83C95
• General Purpose 10Base-T Filter Module
• Complies with or exceeds IEEE 802.3, 10Base- T Standards
• Available in SMD, DIP & DIL Packages
Optional Tape and Reel Packaging
• Hipot : 2000 Vrms
Schematic
EPE6047S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6047S
Rev. A
5/6/03
.050
(1.27)
.018/.022
(.457/.559)
.220
(5.59)
.010/.015
(.254/.381)
.360
(9.14)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
PCA
EPE6047S
Date Code
.450
(11.43)
.250
(6.35)
.050
(1.27)
.350
(8.89)
Solder Pad
Layout
.400
(10.16)
.050
(1.27)
.030
(.762)
.055
(1.40)
Pin 1
I.D.
2CT:1CT
1
2
314
15
16
6
7
8
1CT: 1CT
9
10
11
Transmit
Receive
Inductance
(µH ± 20%)
@100 KHz, 0.1 Vrms
Interwinding
Capacitance
(pF Max.)
10
@100 KHz, 0.1 Vrms
from Input to Output
Leakage
Inductance
(µH Max.)
@100 KHz, 0.1 Vrms
Et Prodcut
(V-µS Typ.)
2.0
Rise Time
(nS Max..)
3.0
DCR
(
Ω Max.)
Pins 1-3
0.45
Xmit
400
Pins 1-3
Xmit
0.30
Pins 16-14 w/
1,2,3 shorted
Xmit
100
Pins 6-8
Rcv
0.17
Rcv
Pins 6-8 w/
9,10,11 shorted
Pins 6-8,
11-9, 16-14
0.30
Rcv
•
Isolation : meets or exceeds 802.3 IEEE Requirements •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com