Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2910CE Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MAS2910CE
Description  RADIATION HARD MICROPROGRAM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2910CE Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MAS2910CE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 12Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 13Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 14Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 15Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MA2910
13
OUTLINES & PIN ASSIGNMENTS
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
51.31
-
-
2.020
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG405
1
Y4
2
D4
3
Y5
4
D5
5
VECT
6
PL
7
MAP
8
I3
9
I2
10
VDD
Top
View
11
I1
12
I0
13
CCEN
14
CC
15
RLD
16
FULL
17
D6
18
Y6
19
D7
20
Y7
40 D3
39 Y3
38 D2
37 Y2
36 D1
35 Y1
34 D0
33 Y0
32 CI
31 CP
30 GND
29 OE
28 Y11
27 D11
26 Y10
25 D10
24 Y9
23 D9
22 Y8
21 D8
D
W
A
e
b
Z
H
A 1
15°
ME
C
e1
Seating Plane
1
20
40
21
Figure 31: 40-Lead Ceramic DIL (Solder Seal) - Package Style C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com