Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2910CE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MAS2910CE
Description  RADIATION HARD MICROPROGRAM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2910CE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MAS2910CE Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2910CE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MA2910
1
DS3578-2.5
The industry standard MA2910 Microprogram Controller
forms part of the MA2900 family of devices.
Offering a building block approach to microcomputer and
controller design, each device in the range is expandable
permitting efficient emulation of any microcode-controlled
machine. The family has been designed for operation in
severe environments such as space, and is qualified to the
highest levels of reliability.
The MA2910 Micro-program Controller is an address
sequencer intended for sequence control of microinstructions
stored in microprogram memory in high speed micro-
processor applications.
All internal elements are full 12 bits wide and address up to
4096 words with one chip. The device has an integral settable
12 bit internal loop counter for repeating instructions and
counting loop iterations.
The MA2910 has four address sources which allow
Microprogram Address to be selected from the microgram
counter, branch address bus, 9 level push/pop stack, or
internal holding register.
The MA2910 supports 100ns cycle times and has an
integral decoder function to enable external devices onto
branch address bus which eliminates the requirement for an
external decoder.
RADIATION HARD MICROPROGRAM CONTROLLER
Figure 1: Block Diagram
MA2910
APRIL 1995
FEATURES
I
Fully Compatible with Industry Standard 2910A
I
CMOS SOS Technology
I
Radiation Hard and High SEU Immunity
I
High Speed / Low Power
I
Fully TTL Compatible


Similar Part No. - MAS2910CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS2911CB ETC1-MAS2911CB Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MAS2911CC ETC1-MAS2911CC Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MAS2911CD ETC1-MAS2911CD Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MAS2911CE ETC1-MAS2911CE Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MAS2911CL ETC1-MAS2911CL Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
More results

Similar Description - MAS2910CE

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
Microprogram Controller
logo
List of Unclassifed Man...
C2910A ETC1-C2910A Datasheet
212Kb / 4P
Microprogram Controller Megafunction
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
Microprogram Controller
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
650V Radiation Hard power MOSFET
Issue 2, October 2020
BUY06CS23K-01 INFINEON-BUY06CS23K-01 Datasheet
702Kb / 10P
60V Radiation Hard power MOSFET
May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com