Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KB10
Description  10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KB10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KB10 Datasheet HTML 1Page - List of Unclassifed Manufacturers KB10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
91
Series
Series
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
• Dimensions in mm
MODEL
KB10-05S
KB10-12S
KB10-15S
KB10-24S
KB10-122D
KB10-153D
INPUT RATING
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
115-230 V 50-60 HZ
OUTPUT VOLTAGE
5 VDC
12 VDC
15 VDC
24 VDC
± 12 VDC
± 15 VDC
OUTPUT CURRENT
0 ~ 2.0 A
0 ~ 0.9 A
0 ~ 0.7 A
0 ~ 450 mA
±45 ~ 450 mA
±35 ~ 350 mA
EFFICIENCY AT 100% LOAD
(TYP.)
75%
80%
80%
80%
80%
80%
KB10 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com