Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KB10
Description  10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KB10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KB10 Datasheet HTML 1Page - List of Unclassifed Manufacturers KB10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90
10 W
10 Watt Single and Dual Output,
att Single and Dual Output,
PCB Mountable
PCB Mountable AC/DC Switching Power Supply
AC/DC Switching Power Supply
FEATURES
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E L
L E
E C
C T
T R
R II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Input Voltage.............................................. AC 85V-264V
Input Frequency.......................................... 47-63 Hz
Input Current............................................... Vin= 115v
0.18A
Vin= 230v
0.12A
Inrush Current............................................. Vin= 100v
3.2A
Vin= 230v
7.5A
All specifications are typical at nominal input, full load.
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
II N
N P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Switching Frequency................................... 100 KHz Typ
MTBF.......................................................... >280,000 Hours Typ
Isolation Voltage
Primary to Secondary............... 3000 VAC
Primary to Case........................ 1500 VAC
Secondary to Case.................... 500 VAC
Isolation Resistance.................................... 100 M
Ω
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
G
G E
E N
N E
E R
R A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Board Level Encapsulated
Thru- hole Pins
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
P
P H
H Y
Y S
S II C
C A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Operating Temperature .............................. 0˚C ~ +60˚C
Derates linearly 2.5%/˚C after 50˚C
Cooling........................................................ Convection
Temperature Coefficient.............................. 0.02% / ˚C
Humidity...................................................... 20~85% Rh
Storage Temperature.................................. -20˚ ~ +85˚C
Shock/Vibration........................................... Shock: 20G (3 Directions each 3 times)
Vibration: 1~55Hz
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
E
E N
N V
V II R
R O
O N
N M
M E
E N
N T
T A
A L
L S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
Output Voltage............................................ See Chart
Output Adjustment...................................... No Adjustment
Efficiency..................................................... 75~80%
Over-Voltage Protection.............................. N/A
Over-Current Protection.............................. Automatic Recovery (105% min)
Ripple and Noise......................................... 150 mVp-p (typ.)
Hold-Up Time.............................................. Vin= 100v
11mSec
Vin= 230v
90mSec
Line/Load Regulation.................................. 0.4% / 1% (MAX)
Rise Time.................................................... Vin= 100v
130mSec
Vin= 230v
115mSec
Leakage Current......................................... Vin= 100v
0.12 m Arms
Vin= 230v
0.26 m Arms
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
O
O U
U T
T P
P U
U T
T S
S P
P E
E C
C II F
F II C
C A
A T
T II O
O N
N S
S
S
S A
A F
F E
E T
T II E
E S
S // E
E M
M II
S
S A
A F
F E
E T
T II E
E S
S // E
E M
M II
KB10
KB10
PC BOARD MOUNTABLE
SUPER SMALL SIZE
HIGH POWER DENSITY
UNIVERSAL INPUT / “CE-MARK”
HIGH RELIABILITY
OVERCURRENT PROTECTION
TWO YEAR WARRANTY
FCC Part 15-B
EN 55022-B


Similar Part No. - KB10

ManufacturerPart #DatasheetDescription
logo
Lumberg
KB10 LUMBERG-KB10 Datasheet
580Kb / 3P
Pluggable screw terminal blocks on socket boards, pitch 5.0 mm
logo
Volgen Kaga Electronics...
KB10-05S VOLGEN-KB10-05S Datasheet
258Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
KB10-122D VOLGEN-KB10-122D Datasheet
258Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
KB10-12S VOLGEN-KB10-12S Datasheet
258Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
KB10-153D VOLGEN-KB10-153D Datasheet
258Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
More results

Similar Description - KB10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KB6 ETC1-KB6 Datasheet
249Kb / 2P
6 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
SP50U ETC1-SP50U Datasheet
332Kb / 2P
50 WATT, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
logo
Volgen Kaga Electronics...
SP15U-03S VOLGEN-SP15U-03S Datasheet
324Kb / 2P
15 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SPN75-05S VOLGEN-SPN75-05S Datasheet
290Kb / 2P
75 WATT ,, Uniiverrsall IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX15U-05S VOLGEN-SX15U-05S Datasheet
366Kb / 2P
15 Watttt ,,120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX30U-05S VOLGEN-SX30U-05S Datasheet
380Kb / 2P
30 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX50U-05S VOLGEN-SX50U-05S Datasheet
375Kb / 2P
50 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
SX100U-05S VOLGEN-SX100U-05S Datasheet
554Kb / 3P
100 & 150 Watttt,, 120 VAC IInputt Fulllly Encllosed Swiittchiing Powerr Supplly
KB06-05S VOLGEN-KB06-05S Datasheet
254Kb / 2P
6 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
KB10-05S VOLGEN-KB10-05S Datasheet
258Kb / 2P
10 Watttt Siinglle and Duall Outtputt, PCB Mounttablle AC//DC Swiittchiing Powerr Supplly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com