Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2909FE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MAS2909FE
Description  RADIATION HARD MICROPROGRAM SEQUENCER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2909FE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MAS2909FE Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2909FE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MA2909/11
1
DS3577-3.4
PRELIMINARY INFORMATION
The MA2909/11 Microprogram Sequencer is fully
compatible with the industry standard 2909A and 2911A
components, and forms part of the GPS 2900 Series of
devices. The series offers a building block approach to
microcomputer and controller design, with each device in the
range being expandable to permit efficient emulation of any
microcode machine.
The devices have tristate outputs and have an internal
address register, with all internal registers changing state on
LOW to HIGH clock transition.
The 4-bit slice can cascade to any number of microwords.
Branch input for N-way branches is supported. Additional
features include:
I
4-bit cascadable microprogram counter.
I
4 x 4 file with stack counter supporting nesting
microsubroutines.
I
Zero input for returning to the zero microcode word.
I
Individual OR input for each bit for branching to higher
microinstructions (2909 only).
The 2909 is a 4-bit wide address controller intended for
sequencing through a series of microinstructions contained in
a ROM or PROM. Two 2909s may be interconnected to
generate an 8-bit address (256 words), and three may be used
to generate a 12-bit address (4K words).
The 2909 can select an address from any of four sources:
1) A set of external direct inputs (D);
2) External data from the R inputs, stored in an internal
register;
3) A four-word push/pop stack; or
4) A program counter register (which usually contains the
last address plus one).
The push/pop stack includes certain control lines so that it
can efficiently execute nested subroutine linkages. Each of the
four outputs can be OR’ed with an external input for conditional
skip or branch instructions, and a separate line forces the
outputs to all zeroes. The outputs are three-state.
The 2911 is an identical circuit to the 2909 except the four
OR inputs are removed and the D and R inputs are tied
together.
FEATURES
I
Fully Compatible with Industry Standard 2909A and
2911A Components
I
Radiation Hard CMOS SOS Technology
I
High SEU Immunity
I
High Speed / Low Power
I
Fully TTL Compatible
APRIL 1995
RADIATION HARD MICROPROGRAM SEQUENCER
MA2909/11


Similar Part No. - MAS2909FE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MAS2901CB ZARLINK-MAS2901CB Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CC ZARLINK-MAS2901CC Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CD ZARLINK-MAS2901CD Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CE ZARLINK-MAS2901CE Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAS2901CL ZARLINK-MAS2901CL Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
More results

Similar Description - MAS2909FE

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
Microprogram Controller
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
A High-Performance 8-Bit Slice Microprogram Sequencer
logo
List of Unclassifed Man...
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
RADIATION HARD MICROPROGRAM CONTROLLER
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
Microprogram Controller
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
650V Radiation Hard power MOSFET
Issue 2, October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com