Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2909CB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MAS2909CB
Description  RADIATION HARD MICROPROGRAM SEQUENCER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2909CB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MAS2909CB Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MA2909/11
7
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-
20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Table 5: Absolute Maximum Ratings
Subgroup
Definition
1
Static characteristics specified in Table 7 at +25°C
2
Static characteristics specified in Table 7 at +125°C
3
Static characteristics specified in Table 7 at -55°C
7
Functional characteristics at +25°C
8a
Functional characteristics at +125°C
8b
Functional characteristics at -55°C
9
Switching characteristics specified in Tables 8, 9 and 10 at +25°C
10
Switching characteristics specified in Tables 8, 9 and 10 at +125°C
11
Switching characteristics specified in Tables 8, 9 and 10 at -55°C
Table 6: Definition of Subgroups
Symbol
VOH
VOL
VIH
VIL
IIH
IIL
IOZH
IOZL
IDD
Parameter
Output high voltage
Output low voltage
Input high level (Note 1)
Input low level (Note 1)
Input high current
Input low current
Tristate high current
Tristate low current
Power supply current
Conditions
VDD = Min., IOH = -2.6mA, VIN = VIH or VIL
VDD = Max., IOL = 16 mA, VIN = VIH or VIL
Guaranteed input logical high voltage for all inputs
Guaranteed input logical low voltage for all inputs
VIN = VDD (Note 3)
VIN = VSS (Note 3)
VO = VDD (Note 3)
VO = VSS (Note 3)
Units
V
V
V
V
µA
µA
µA
µA
mA
Max.
-
0.5
-
0.8
10
-10
50
-50
10
Min.
VDD -0.5
-
VDD/2
-
-
-
-
-
-
NOTES:
Mil-Std-883, Method 5005, Subgroups 1, 2, 3.
1. These input levels provide no guaranteed noise immunity and should only be static tested in a noise-free environment.
2. VDD = 5V ±10%, over full operating temperature range.
3. Guaranteed but not tested at low temperatures.
Table 7: DC Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com