Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2909CB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MAS2909CB
Description  RADIATION HARD MICROPROGRAM SEQUENCER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2909CB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MAS2909CB Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2909CB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MA2909/11
8
Table 8: Cycle Time and Clock Charcteristics
Time
Minimum clock low time
15
Minimum clock high time
15
Cn + 4
40
35
30
25
40
-
-
45
45
45
Set-up time
10
10
20
20
15
20
20
20
25
Hold Time
10
7
5
10
5
0
0
0
0
From input
RE
RI
PUP
FE
Cn
DI
ORI
S0, S1
ZERO
Notes:
1. CL < 50pF
2. RL
≥ 680Ω
3. RL
≥ 680Ω, measured 0.5V change in output level
Table 9: Maximum Combinational Propogation Delays
Table 10: Guaranteed Set-up and Hold Times (all in ns)
All times in ns across full voltage and temperature range.
MIL-STD-883, method 5005, subgroups 9, 10 and 11.
Figure 2
Y
35
30
20
-
35
25
25
40
40
50
From input
D1
S0, S1
ORI
Cn
ZERO
OE LOW (enable) (Note 2)
OE HIGH (disable) (Note 3)
Clock: S1S0 = LH
Clock: S1S0 = LL
Clock: S1S0 = HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com