Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108PW Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # LSF0108PW
Description  8-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108PW Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  LSF0108PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
LSF0108
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
8. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max Unit
VI
input voltage
pins refA, refB, An, Bn and EN
[1]
-0.5
+7.0 V
II/O
input/ouput current
pins refA, refB, An and Bn; continuous channel current
-
+128 mA
IIK
input clamping current VI < 0 V
-50
-
mA
Tstg
storage temperature
-65
+150 °C
Ptot
total power dissipation
[2]
-
500
mW
[1] The minimum input voltage rating may be exceeded if the input current rating is observed.
[2] For SOT360-1 (TSSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT764-1 (DHVQFN20) package: Ptot derates linearly with 12.9 mW/K above 111 °C.
9. Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max Unit
VI
input voltage
pins refA, refB, An, Bn and EN
0.0
5.0
V
II/O
input/ouput current
pins refA, refB, An and Bn;
continuous channel current
-
+64
mA
Tamb
ambient temperature
-40
+125 °C
10. Static characteristics
Table 6. Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage VEN = 0 V; II = -18 mA
-1.2
-
-
V
II
leakage current
pins An, Bn, refA, refB and EN; VI = GND to 5.0 V
-
1
5
μA
CI
input capacitance
pins refA, refB and EN; VI = 0 V or 3 V
-
11
-
pF
Cio(off)
OFF-state input/output
capacitance
pins An, Bn; VO = 0 V or 3 V; VEN = 0.0 V
-
2.6
6.0
pF
Cio(on)
ON-state input/output
capacitance
pins An, Bn; VO = 0 V or 3 V; VEN = 3.0 V
-
5.3
12.5
pF
LSF0108
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 18 September 2019
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com