Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108PW Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # LSF0108PW
Description  8-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108PW Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  LSF0108PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0108PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
LSF0108
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
LSF0108PW
-40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
LSF0108BQ
-40 °C to +125 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5 x 4.5 x 0.85 mm
SOT764-1
5. Functional diagram
aaa-030280
refA
refB
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8
EN
B8
Fig. 1. Logic symbol
LSF0108
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 18 September 2019
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com