Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3984 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS3984
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS3984 Datasheet HTML 7Page - Dallas Semiconductor DS3984 Datasheet HTML 8Page - Dallas Semiconductor DS3984 Datasheet HTML 9Page - Dallas Semiconductor DS3984 Datasheet HTML 10Page - Dallas Semiconductor DS3984 Datasheet HTML 11Page - Dallas Semiconductor DS3984 Datasheet HTML 12Page - Dallas Semiconductor DS3984 Datasheet HTML 13Page - Dallas Semiconductor DS3984 Datasheet HTML 14Page - Dallas Semiconductor DS3984 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
____________________________________________________________________
11
To generate the DPWM signal internally, the DS3984
requires a clock (referred to as the dimming clock) to
set the DPWM frequency. The user can supply the dim-
ming clock by setting POSCS = 1 in CR1 and applying
an external 22.5Hz to 440Hz signal at the POSC pin, or
DS3984’s clock can be generated by the DS3984’s
oscillator (set POSCS = 0 in CR1), in which case the
frequency is set by an external resistor at the POSC
pin. These two dimming clock options are shown in
Figure 3. Regardless of whether the dimming clock is
generated internally or sourced externally, the POSC1
and POSC2 bits in CR2 must be set to match the
desired dimming clock frequency.
When the DPWM signal is generated internally, its duty
cycle (and, thus, the lamp brightness) is controlled by a
user-applied analog voltage at the BRIGHT input. A
BRIGHT voltage less than 0.5V will cause the DS3984 to
operate with the minimum burst duty cycle, providing
the lowest brightness setting, while any voltage greater
than 2.0V will cause a 100% burst duty cycle (i.e., lamps
always being driven), which provides the maximum
brightness. For voltages between 0.5V and 2V the duty
cycle will vary linearly between the minimum and 100%.
The internally generated DPWM signal is available at
the PSYNC I/O pin (set RGSO = 0 in CR1) for sourcing
to other DS3984s, if any, in the circuit. This allows all
DS3984s in the system to be synchronized to the same
DPWM signal. The DS3984 that is generating the
DPWM signal for other DS3984s in the system is
referred to as the DPWM source.
When the DPWM signal is provided by an external
source, either from the PSYNC pin of another DS3984 or
from some other user-generated source, it is input into the
PSYNC I/O pin of the DS3984. In this mode, the BRIGHT
and POSC inputs are disabled and should be grounded
(see Figure 4). When multiple DS3984s are used in a
design, DS3984s configured to use externally generated
DPWM signals are referred to as DPWM receivers.
Lamp Frequency Configuration
The DS3984 can generate its own lamp frequency clock
internally (set LFSS = 0 in CR1), which can then be
sourced to other DS3984s if required, or the lamp clock
can be supplied from an external source (set LFSS = 1 in
CR1). When the lamp clock is internally generated, the
frequency (40kHz to 80kHz) is set by an external resistor
at the LOSC. In this case, the DS3984 can act as a lamp
frequency source because the lamp clock is output at
the LSYNC I/O pin for synchronizing any other DS3984s
configured as lamp frequency receivers.
The DS3984 acts as a lamp frequency receiver when
the lamp clock is supplied externally. In this case, a
40kHz to 80kHz clock must be supplied at the LSYNC
I/O. The external clock can originate from the LSYNC
I/O of a DS3984 configured as a lamp frequency
source or from some other source.
BRIGHT
PSYNC (OUTPUT)
POSC
2.0V
0.5V
22.5Hz TO 440Hz
RESISTOR TO SET THE
DIMMING FREQUENCY
DPWM
SIGNAL
ANALOG DIMMING
CONTROL VOLTAGE
RESISTOR-SET DIMMING CLOCK
BRIGHT
PSYNC (OUTPUT)
POSC
2.0V
0.5V
22.5Hz TO 440Hz
22.5Hz to 440Hz
DPWM
SIGNAL
EXTERNAL
DIMMING CLOCK
ANALOG DIMMING
CONTROL VOLTAGE
EXTERNAL DIMMING CLOCK
Figure 3. DPWM Source Configuration Options
BRIGHT
PSYNC (OUTPUT)
POSC
22.5Hz TO 440Hz
DPWM
SIGNAL
Figure 4. The DPWM Receiver Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com