Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3984 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS3984
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS3984 Datasheet HTML 9Page - Dallas Semiconductor DS3984 Datasheet HTML 10Page - Dallas Semiconductor DS3984 Datasheet HTML 11Page - Dallas Semiconductor DS3984 Datasheet HTML 12Page - Dallas Semiconductor DS3984 Datasheet HTML 13Page - Dallas Semiconductor DS3984 Datasheet HTML 14Page - Dallas Semiconductor DS3984 Datasheet HTML 15Page - Dallas Semiconductor DS3984 Datasheet HTML 16Page - Dallas Semiconductor DS3984 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
____________________________________________________________________
13
DPWM Soft-Start
At the beginning of each lamp burst, the DS3984 pro-
vides a soft-start that slowly increases the MOSFET
gate-driver duty cycle (see Figure 6). This minimizes
the possibility of audible transformer noise that could
result from current surges in the transformer primary.
The soft-start length is fixed at 16 lamp cycles, but the
soft-start ramp profile is programmable through the four
Soft-Start Profile registers (SSP1/2/3/4) and can be
adjusted to match the application. There are seven dif-
ferent driver duty cycles to select from to customize the
soft-start ramp (see Table 1). The available duty cycles
range from 0% to 19% in ~3% increments. In addition,
the MOSFET duty cycle from the last lamp cycle of the
previous burst can be used as part of the soft-start
ramp by using the Most Recent Value duty-cycle code.
Each programmed MOSFET gate duty cycle repeats
twice to make up the 16 soft-start lamp cycles.
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
SSP1. 0-3
LAMP CURRENT
SOFT-START PROFILE REGISTER
SOFT-START
SOFT-START (EXPANDED)
22.5Hz TO 440Hz
DPWM SIGNAL
LAMP CURRENT
LAMP CYCLE
GA_n/GB_n
MOSFET GATE DRIVERS
PROGRAMMABLE SOFT-START PROFILE WITH INCREASING MOSFET PULSE WIDTHS OVER
A 16 LAMP CYCLE PERIOD RESULTS IN A LINEAR RAMP IN LAMP CURRENT.
SSP1. 4-7
SSP2. 0-3
SSP2. 4-7
SSP3. 0-3
SSP3. 4-7
SSP4. 0-3
SSP4. 4-7
1
Figure 6. Digital PWM Dimming and Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com