Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3984Z Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS3984Z Datasheet HTML 16Page - Dallas Semiconductor DS3984Z Datasheet HTML 17Page - Dallas Semiconductor DS3984Z Datasheet HTML 18Page - Dallas Semiconductor DS3984Z Datasheet HTML 19Page - Dallas Semiconductor DS3984Z Datasheet HTML 20Page - Dallas Semiconductor DS3984Z Datasheet HTML 21Page - Dallas Semiconductor DS3984Z Datasheet HTML 22Page - Dallas Semiconductor DS3984Z Datasheet HTML 23Page - Dallas Semiconductor DS3984Z Datasheet HTML 24Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
____________________________________________________________________
21
Applications Information
Addressing Multiple DS3984s On a
Common I2C Bus
Each DS3984 responds to one of two possible slave
addresses based on the state of the address input (A0).
For information about device addressing see the I2C
Communications section.
Power-Supply Decoupling
To achieve best results, it is recommended that each
VCC pin is decoupled with a 0.01µF or a 0.1µF capacitor
to GND. Use high-quality, ceramic, surface-mount capac-
itors, and mount the capacitors as close as possible to
the VCC and GND pins to minimize trace inductance.
Setting the RMS Lamp Current
Resistor R8 in the typical operating circuit (Figure 12)
sets the lamp current. R8 = 140
Ω corresponds to a
5mARMS lamp current as long as the current waveform
is approximately sinusoidal. The formula to determine
the resistor value for a given sinusoidal lamp current is:
Component Selection
External component selection has a large impact on the
overall system performance and cost. The two most
important external components are the transformers
and n-channel MOSFETs.
The transformer should be able to operate in the 40kHz
to 80kHz frequency range of the DS3984, and the turns
ratio should be selected so the MOSFET drivers run at
28% to 35% duty cycle during steady state operation.
The transformer must be able to withstand the high
open-circuit voltage that will be used to strike the lamp.
Additionally, its primary/secondary resistance and
inductance characteristics must be considered
because they contribute significantly to determining the
efficiency and transient response of the system. Table 5
shows a transformer specification that has been utilized
for a 12V inverter supply, 438mm x 2.2mm lamp design.
The n-channel MOSFET must have a threshold voltage
that is low enough to work with logic-level signals, a low
on-resistance to maximize efficiency and limit the n-
channel MOSFET’s power dissipation, and a break-
down voltage high enough to handle the transient. The
breakdown voltage should be a minimum of 3x the
inverter voltage supply. Additionally, the total gate
charge must be less than QG, which is specified in the
Recommended DC Operating Conditions table. These
specifications are easily met by many of the dual n-
channel MOSFETs now available in SO-8 packages.
Table 6 lists suggested values for the external resistors
and capacitors used in the typical operating circuit.
R
ILAMP RMS
8
1
2
()
=
×
Figure 11. I2C Communications Examples
XXXXXXXX
10
1
0
A0 0
0
0
COMMUNICATIONS KEY
WRITE A SINGLE BYTE
8-BITS ADDRESS OR DATA
WHITE BOXES INDICATE THE MASTER IS
CONTROLLING SDA
NOTES
2) THE FIRST BYTE SENT AFTER A START CONDITION IS
ALWAYS THE SLAVE ADDRESS FOLLOWED BY THE
READ/WRITE BIT.
SHADED BOXES INDICATE THE SLAVE IS
CONTROLLING SDA
START
ACK
NOT
ACK
S
SA
A
A
P
DATA
MEMORY ADDRESS
10
1
0
A0 0
0
0
10
1
0
A0 0
0
0
READ A SINGLE BYTE
SA
ASR
AN
P
DATA
MEMORY ADDRESS
A
PN
SR
STOP
REPEATED
START
1) ALL BYTES ARE SENT MOST SIGNIFICANT BIT FIRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com