Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3984Z Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS3984Z
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3984Z Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS3984Z Datasheet HTML 1Page - Dallas Semiconductor DS3984Z Datasheet HTML 2Page - Dallas Semiconductor DS3984Z Datasheet HTML 3Page - Dallas Semiconductor DS3984Z Datasheet HTML 4Page - Dallas Semiconductor DS3984Z Datasheet HTML 5Page - Dallas Semiconductor DS3984Z Datasheet HTML 6Page - Dallas Semiconductor DS3984Z Datasheet HTML 7Page - Dallas Semiconductor DS3984Z Datasheet HTML 8Page - Dallas Semiconductor DS3984Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Output Voltage
(GA, GB)
VOH2
IOH2 = -1mA
VCC - 0.4
V
UVLO Threshold—VCC Rising
VUVLOR
4.3
V
UVLO Threshold—VCC Falling
VUVLOF
3.7
V
UVLO Hysteresis
VUVLOH
100
mV
SVM Threshold
VSVMT
1.8
2.0
2.2
V
SVM Hysteresis
VSVMH
50
mV
LCM and OVD Source Current
4µA
LCM and OVD Sink Current
4µA
LCM and OVD DC Bias Voltage
VDCB
1.35
V
LCM and OVD Input Resistance
RDCB
50
k
Ω
Lamp Off Threshold
VLOT
(Note 3)
0.3
0.4
0.5
V
Lamp Overcurrent Threshold
VLOC
(Note 3)
1.8
2.0
2.2
V
Lamp Regulation Threshold
VLRT
(Note 3)
0.9
1.0
1.1
V
OVD Threshold
VOVDT
(Note 3)
0.9
1.0
1.1
V
Lamp Frequency Range
fLF:OSC
40
80
kHz
Lamp Frequency Source
Frequency Tolerance
fLFS:TOL
LOSC resistor ±2% over temperature
-5
+5
%
Lamp Frequency Receiver
Duty Cycle
fLFR:DUTY
40
60
%
DPWM Frequency Range
fD:OSC
22.5
440.0
Hz
DPWM Source Frequency
Tolerance
fDSR:TOL
POSC resistor ±2% over temperature
-5
+5
%
DPWM Receiver Duty Cycle
fDFE:DUTY
40
60
%
DPWM Receiver
Frequency Range
fDR:OSC
22.5
440.0
Hz
DPWM Receiver
Minimum Pulse Width
tDR:MIN
(Note 4)
25
µs
BRIGHT Voltage—Minimum
Brightness
VBMIN
0.5
V
BRIGHT Voltage—Maximum
Brightness
VBMAX
2.0
V
Gate-Driver Output Rise/Fall Time
tR/tF
CL = 600pF
100
ns
GAn and GBn Duty Cycle
(Note 5)
44
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com