Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4256-R Datasheet(PDF) 1 Page - ams AG

Part # SFH4256-R
Description  SIDELED® High Power Infrared Emitter (850 nm)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4256-R Datasheet(HTML) 1 Page - ams AG

  SFH4256-R Datasheet HTML 1Page - ams AG SFH4256-R Datasheet HTML 2Page - ams AG SFH4256-R Datasheet HTML 3Page - ams AG SFH4256-R Datasheet HTML 4Page - ams AG SFH4256-R Datasheet HTML 5Page - ams AG SFH4256-R Datasheet HTML 6Page - ams AG SFH4256-R Datasheet HTML 7Page - ams AG SFH4256-R Datasheet HTML 8Page - ams AG SFH4256-R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SFH 4256
1 Version 1.5 | 2020-08-26
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 4256
SIDELED®
High Power Infrared Emitter (850 nm)
—
Electronic Equipment
—
Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
—
Measurement Levelling
Features:
—
Package: clear epoxy
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Short switching times
Ordering Information
Type
Radiant intensity 1)2)
Radiant intensity 1)
Ordering Code
typ.
I
F = 70 mA; tp = 20 ms
I
F = 70 mA; tp = 20 ms
I
e
I
e
SFH 4256
7.1 ... 28.0 mW/sr
13 mW/sr
Q65111A3182
SFH 4256-R
11.2 ... 18.0 mW/sr
13 mW/sr
Q65111A9682


Similar Part No. - SFH4256-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4256-R OSRAM-SFH4256-R Datasheet
425Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH4256-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
logo
ams AG
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com