Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTL2-AC Datasheet(PDF) 1 Page - Bivar, Inc.

Part # SMTL2-AC
Description  PLCC2 SMD Top View Package LED SMTL2-AC, AMBER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

SMTL2-AC Datasheet(HTML) 1 Page - Bivar, Inc.

  SMTL2-AC Datasheet HTML 1Page - Bivar, Inc. SMTL2-AC Datasheet HTML 2Page - Bivar, Inc. SMTL2-AC Datasheet HTML 3Page - Bivar, Inc. SMTL2-AC Datasheet HTML 4Page - Bivar, Inc. SMTL2-AC Datasheet HTML 5Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Revision B 06/22
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Page 1 of 5
CC
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
Viewing Angle
SMTL2-AC
GaAsP
Amber
22.5
Water Clear
120°
SMTL2-AC
 Industry Standard PLCC2 Footprint
 Low Profile Package
 High Luminous Intensity
 Wide Viewing Angle
 High Power Efficiency
Bivar SMTL2 LED is offered in an industry standard PLCC2 package with high luminous intensity and
wide viewing angles. The miniature package is ideal for small scale applications such as illumination,
general indication, and backlighting. Low power consumption and excellent long life reliability are suitable
for battery powered equipment. The robust package is ideal for harsh working environments and can be
used in clusters for high luminous applications. Wide variety of color and intensity combinations are
available to meet any illumination needs. Bivar SMTL2 LED is packaged in standard tape and reels for
pick and place assemblies.
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
Outline Dimensions
0.071 [1.8mm]
0.086 [2.2mm]


Similar Part No. - SMTL2-AC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL2-BWC BIVAR-SMTL2-BWC Datasheet
783Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-BWC, BLUE
Revision A 02/16
SMTL2-GC BIVAR-SMTL2-GC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-GC, GREEN
Revision A 02/16
SMTL2-HC BIVAR-SMTL2-HC Datasheet
766Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-HC, HE RED
Revision A 02/16
SMTL2-OC BIVAR-SMTL2-OC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-OC, ORANGE
Revision A 02/16
SMTL2-PGC BIVAR-SMTL2-PGC Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-PGC, PURE GREEN
Revision A 02/16
More results

Similar Description - SMTL2-AC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
SMTL2-BWC BIVAR-SMTL2-BWC Datasheet
783Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-BWC, BLUE
Revision A 02/16
SMTL2-GC BIVAR-SMTL2-GC Datasheet
769Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-GC, GREEN
Revision A 02/16
SMTL2-HC BIVAR-SMTL2-HC Datasheet
766Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-HC, HE RED
Revision A 02/16
SMTL2-OC BIVAR-SMTL2-OC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-OC, ORANGE
Revision A 02/16
SMTL2-RC BIVAR-SMTL2-RC Datasheet
770Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-RC, RED
Revision A 02/16
SMTL2-SBWC BIVAR-SMTL2-SBWC Datasheet
774Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SBWC, SUPER BLUE
Revision A 02/16
SMTL2-SGC BIVAR-SMTL2-SGC Datasheet
765Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-SGC, SUPER GREEN
Revision A 02/16
SMTL2-UWD BIVAR-SMTL2-UWD Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UWD, WHITE
Revision A 02/16
SMTL2-UYC BIVAR-SMTL2-UYC Datasheet
772Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-UYC, ULTRA YELLOW
Revision A 02/16
SMTL2-YC BIVAR-SMTL2-YC Datasheet
767Kb / 5P
PLCC2 SMD Top View Package LED SMTL2-YC, YELLOW
Revision A 02/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com